전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7443320680 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7443320680
상세설명  POWER-CHOKE WE-HCC 1210 (Ferrite)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443320680 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443320680 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320680 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320680 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443320680 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / tape and reel specification:
A
11,8 ± 0,1
mm
B
20 ± 0,1
mm
+ 0,1
- 0,1
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
mm
J
10,55 ± 0,1
mm
T
0,40 ± 0,05
mm
W
24,0 ± 0,3
mm
a
330,0 ref
mm
b
24,0 ref
mm
mm
d
75 ± 2
mm
BD
09-11-03
Rst
09-05-05
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
7443320680
SPEICHERDROSSEL WE-HCC 1210 (Ferrit)
POWER-CHOKE WE-HCC 1210 (Ferrite)
DATUM / DATE : 2009-11-03
Gurtspezifikation / Tape specification:
mm
D
1,50
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
.................................................................................
...............................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
a
d
W
E
F
G
B
A
Ø D
H
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
b
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


유사한 부품 번호 - 7443320680

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7443320680 WURTH-7443320680_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
More results

유사한 설명 - 7443320680

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7443320022 WURTH-7443320022 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320100 WURTH-7443320100 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320820 WURTH-7443320820 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443321000 WURTH-7443321000 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320330 WURTH-7443320330 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320033 WURTH-7443320033 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320047 WURTH-7443320047 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320068 WURTH-7443320068 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320082 WURTH-7443320082 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320150 WURTH-7443320150 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
7443320220 WURTH-7443320220 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Ferrite)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com