전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4740 데이터시트(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

부품명 1N4740
상세설명  Small current low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
홈페이지  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N4740 데이터시트(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N4740 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N4740 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N4740 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. 1N4740 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. 1N4740 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
电特性 ( 测量环境温度为 25℃,除非另有规定 )
齐纳电压
测量电流
最大齐纳阻抗
最大反向
漏 电 流
最大直流
齐纳电流
V Z@IZT
IZT
Z ZT @IZT
( 注释 2 )
Z ZK @IZK
(注释 3 )
I ZK
IR@VR
VR
I ZM @50℃
( 注释 4)
型 号
( 注释 1)
V
mA
Ω
Ω
mA
μA
V
mA
1N4727
3.3
83
10
400
1.0
150
1
275
1N4728
3.3
76
10
400
1.0
100
1
275
1N4729
3.6
69
10
400
1.0
100
1
252
1N4730
3.9
64
9
400
1.0
50
1
234
1N4731
4.3
58
9
400
1.0
10
1
217
1N4732
4.7
53
8
500
1.0
10
1
193
1N4733
5.1
49
7
550
1.0
10
1
178
1N4734
5.6
45
5
600
1.0
10
2
162
1N4735
6.2
41
2
700
1.0
10
3
146
1N4736
6.8
37
3.5
700
1.0
10
4
133
1N4737
7.5
31
4.0
700
0.5
10
5
121
1N4738
8.2
31
4.5
700
0.5
10
6
110
1N4739
9.1
28
5.0
700
0.25
10
7
100
1N4740
10
25
7
700
0.25
10
76
91
1N4741
11
23
8
700
0.25
5
8.4
83
1N4742
12
21
9
700
0.25
5
9.1
76
1N4743
13
19
10
700
0.25
5
9.9
69
1N4744
15
17
14
700
0.25
5
11.4
61
1N4745
16
15.5
16
700
0.25
5
12.2
57
1N4746
18
14
20
750
0.25
5
13.7
50
1N4747
20
12.5
22
750
0.25
5
15.2
45
1N4748
22
11.5
23
750
0.25
5
16.7
41
1N4749
24
10.5
25
750
0.25
5
18.2
38
1N4750
27
9.5
35
750
0.25
5
20.6
34
1N4751
30
8.5
40
1000
0.25
5
22.8
30
1N4752
33
7.5
45
1000
0.25
5
25.1
27
1N4753
36
7.0
50
1000
0.25
5
27.4
25
1N4754
39
6.5
60
1000
0.25
5
29.7
23
1N4755
43
6.0
70
1500
0.25
5
32.7
22
1N4756
47
5.5
80
1500
0.25
5
35.8
19
1N4757
51
5.0
95
1500
0.25
5
38.8
18
1N4758
56
4.5
110
2000
0.25
5
42.6
16
释 :
1.
标准型的齐纳电压值偏差为 10%;附加标“A”的特选型,其偏差为 5% 。
2.
对于齐纳阻抗, I ( ac rms ) = 10% Izt
3.
对于齐纳拐点阻抗,I (ac rms ) = 10% Izk
4.
这里的最大齐纳电流值并非是绝对的,在实际稳态应用中,应保证电压和电流的乘积不超过额定功率值。
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1N4727 THRU 1N4764
XINGHE ELECTRONICS
星合电子


유사한 부품 번호 - 1N4740

제조업체부품명데이터시트상세설명
logo
Bytesonic Electronics C...
1N4740 BYTESONIC-1N4740 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Surge Components
1N4740 SURGE-1N4740 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4740 JINANJINGHENG-1N4740 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Diode Semiconductor Kor...
1N4740 DSK-1N4740 Datasheet
400Kb / 3P
   ZENER DIODES
logo
Semtech Corporation
1N4740 SEMTECH-1N4740 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

유사한 설명 - 1N4740

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
3EZ100D5 YANGJIE-3EZ100D5 Datasheet
221Kb / 3P
   Low Zener Impedance under small current
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com