전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4749 데이터시트(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

부품명 1N4749
상세설명  Small current low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
홈페이지  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N4749 데이터시트(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N4749 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N4749 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N4749 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. 1N4749 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. 1N4749 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
电特性 ( 测量环境温度为 25℃,除非另有规定 )
齐纳电压
测量电流
最大齐纳阻抗
最大反向
漏 电 流
最大直流
齐纳电流
V Z@IZT
IZT
Z ZT @IZT
( 注释 2 )
Z ZK @IZK
(注释 3 )
I ZK
IR@VR
VR
I ZM @50℃
( 注释 4 )
型 号
( 注释 1)
V
mA
Ω
Ω
mA
μA
V
mA
1N4759
62
4.0
125
2000
0.25
5
47.1
14
1N4760
68
3.7
150
2000
0.25
5
51.7
13
1N4761
75
3.3
175
2000
0.25
5
56.0
12
1N4762
82
3.0
200
3000
0.25
5
62.2
11
1N4763
91
2.8
250
3000
0.25
5
69.2
10
1N4764
100
2.5
350
3000
0.25
5
76.0
9
释 :
1.
标准型的齐纳电压值偏差为 10%;附加标“A”的特选型,其偏差为 5% 。
2.
对于齐纳阻抗, I ( ac rms ) = 10% Izt
3.
对于齐纳拐点阻抗,I (ac rms ) = 10% Izk
4.
这里的最大齐纳电流值并非是绝对的,在实际稳态应用中,应保证电压和电流的乘积不超过额定功率值。
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1N4727 THRU 1N4764
XINGHE ELECTRONICS
星合电子


유사한 부품 번호 - 1N4749

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
1N4749 CHENDA-1N4749 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4749 SURGE-1N4749 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4749 JINANJINGHENG-1N4749 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4749 NJSEMI-1N4749 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4749 BYTESONIC-1N4749 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

유사한 설명 - 1N4749

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
3EZ100D5 YANGJIE-3EZ100D5 Datasheet
221Kb / 3P
   Low Zener Impedance under small current
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com