전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX25824 데이터시트(PDF) 1 Page - Synaptics Incorporated.

부품명 CX25824
상세설명  4-Channel Video/Audio Decoder with Integrated Audio DAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25824 데이터시트(HTML) 1 Page - Synaptics Incorporated.

  CX25824 Datasheet HTML 1Page - Synaptics Incorporated. CX25824 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
5-Line Adaptive
C om b F ilter
C hrom a Path
Lum a Path
Scaler
Output
Form atter
VD EC A
M otion D etection
D igita l V ideo I/O
Mo d u le
C onfigurable BT.656 1/2/4/8 C h
@ 27, 54, or 108 M H z
VID_A_D AT [7:0]
VID_B_D AT [7:0]
VIN1
5-Line Adaptive
C om b F ilter
C hrom a Path
Lum a Path
Scaler
Output
Form atter
VD EC D
M otion D etection
VIN4
AIN 1-5
A udio P rocesso r
I2S/D SP D igital I/O , 8/16/24 bit @ 8, 16, 32, 44.1, or 48 kH z
R ecord/M ix audio outputs
Playback /C ascaded audio inputs
Record I2S
Mix Out
Playback I 2S
Cascade_IN/OUT
AOU T
ADC
ADC
ADC
DAC
The CX25824 four-channel video
decoder was designed for surveillance
applications. The CX25824 contains
four high-quality NTSC/PAL video
decoders, five audio ADCs, and one
audio DAC.
The video decoders are designed with
10-bit ADCs and 5-line comb filtering
for optimal luma-chroma separation to
generate the highest-quality digital
video output with the lowest possible
noise and cross-luma/cross-chroma
artifacts. They are also designed to
lock to low-level inputs, as well as line-
locked cameras, both of which are
common in video surveillance systems.
Each video decoder includes a scaler
for down-scaling the video, both
horizontally and vertically, and controls
for adjusting brightness, contrast, hue,
saturation, and sharpness.
The CX25824 supports the standard
ITU-R BT.656 digital video format and
byte- multiplexed output at 27 MHz,
54 MHz, and 108 MHz. In addition,
each video decoder includes a motion
detection and image analytical engine.
With adjustable luma thresholds,
adjustable temporal sensitivity, and
block masks, this feature can be
utilized to notify host controllers to start
recording or wake from sleep during
detected events.
The CX25824 includes an audio codec
with five ADCs and one DAC for audio
playback or two-way communication
applications. The CX25824 was
designed with maximum flexibility in
mind, providing bi-directional bridging
of video and audio data, as well as
generic connectivity through GPIO and
I2C interfaces.
CX25824
4-Channel Video/Audio Decoder with Integrated Audio DAC
Applications
Video Surveillance
Part Number CX25824
Description CX25824 4-Channel
Video/Audio Decoder with Integrated
Audio DAC


유사한 부품 번호 - CX25824

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX25820 CONEXANT-CX25820 Datasheet
1Mb / 2P
   PCI-Express Media Bridge
CX25822 CONEXANT-CX25822 Datasheet
1Mb / 2P
   960H PCI-Express Media Bridge
CX25828 CONEXANT-CX25828 Datasheet
2Mb / 2P
   8-Channel Video/Audio Decoder with Integrated Audio DAC
More results

유사한 설명 - CX25824

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX25828 CONEXANT-CX25828 Datasheet
2Mb / 2P
   8-Channel Video/Audio Decoder with Integrated Audio DAC
CX25858 CONEXANT-CX25858 Datasheet
208Kb / 2P
   8-Channel Audio/Video Decoder with
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
   AUDIO/VIDEO DECODER
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Synaptics Incorporated.
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
   PCl Audio/Video Broadcast Decoder
logo
Intersil Corporation
TW2864A-LD1-GR INTERSIL-TW2864A-LD1-GR Datasheet
655Kb / 2P
   4-Channel Video Decoder and Audio Codec For Security Applications
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
logo
Synaptics Incorporated.
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
   8-Channel Audio/Video Decoder for Surveillance Systems
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
   Internet Audio DAC with Integrated Headphone Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com