전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE4343 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MJE4343
상세설명  16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE4343 데이터시트(HTML) 3 Page - Motorola, Inc

  MJE4343 Datasheet HTML 1Page - Motorola, Inc MJE4343 Datasheet HTML 2Page - Motorola, Inc MJE4343 Datasheet HTML 3Page - Motorola, Inc MJE4343 Datasheet HTML 4Page - Motorola, Inc MJE4343 Datasheet HTML 5Page - Motorola, Inc MJE4343 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE4342 MJE4343 MJE4352 MJE4353
3
Motorola Bipolar Power Transistor Device Data
5.0
IC, COLLECTOR CURRENT (AMP)
0.5
3.0
2.0
1.0
Figure 4. Turn–Off Time
0.7
0.2
0.5 0.7
5.0
2.0
0.3
1.0
3.0
20
10
7.0
TJ = 25°C
IC/IB = 10
IB1 = IB2
VCE = 30 V
ts
tf
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
20
1.6
1.2
0.8
0.4
0
10
7.0
0.3
0.7
0.5
2.0
1.0
5.0
3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. On Voltages
TYPICAL CHARACTERISTICS
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
50
20
10
10
0.5
2.0
1.0
5.0
VCE = 2 V
Figure 6. MJE4340 Series (NPN)
TJ = 150°C
25
°C
– 55
°C
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
10
10
0.5
2.0
1.0
5.0
Figure 7. MJE4350 Series (PNP)
2.0
0.05
IB, BASE CURRENT (AMP)
5.0
1.2
0
3.0
0.1
0.3
0.2
0.5
Figure 8. Collector Saturation Region
1.6
0.8
0.4
0.07
0.7
1.0
2.0
TJ = 25°C
IC = 4.0 A
8.0 A
16 A
VCE = 2 V
TJ = 150°C
25
°C
– 55
°C
VCE = 2 V
TJ = 150°C
25
°C
– 55
°C
DC CURRENT GAIN


유사한 부품 번호 - MJE4343

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJE4343 MOSPEC-MJE4343 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
logo
Savantic, Inc.
MJE4343 SAVANTIC-MJE4343 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJE4343 ISC-MJE4343 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - MJE4343

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com