전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51221EDR16G 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 CS51221EDR16G
상세설명  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDR16G 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button CS51221EDR16G Datasheet HTML 6Page - ON Semiconductor CS51221EDR16G Datasheet HTML 7Page - ON Semiconductor CS51221EDR16G Datasheet HTML 8Page - ON Semiconductor CS51221EDR16G Datasheet HTML 9Page - ON Semiconductor CS51221EDR16G Datasheet HTML 10Page - ON Semiconductor CS51221EDR16G Datasheet HTML 11Page - ON Semiconductor CS51221EDR16G Datasheet HTML 12Page - ON Semiconductor CS51221EDR16G Datasheet HTML 13Page - ON Semiconductor CS51221EDR16G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CS51221
http://onsemi.com
11
0.0001
0.001
0.01
CT (mF)
0
800
400
700
600
500
300
200
100
1000
10000
1000000
RT (W)
0.50
1.00
0.80
0.95
0.90
0.85
0.75
0.70
0.65
0.60
0.55
100000
Figure 10. Typical Performance Characteristics,
Oscillator Frequency vs. CT
Figure 11. Typical Performance Characteristics,
Oscillator Duty Cycle vs. RT
RT = 5.0 K
RT = 10 K
RT = 50 K
that during steady state, VCOMP doesn’t change for input
voltage variations. This intuitively explains why FF voltage
mode control has superior line regulation and line transient
response. Knowing the nominal value of VIN and TON, one
can also select the value of RC to place VCOMP at the center
of its dynamic range.
Select Feedback Voltage Divider
As shown in Figure 12, the voltage divider output feeds to
the FB pin, which connects to the inverting input of the error
amplifier. The non−inverting input of the error amplifier is
connected to a 1.27 V (typ) reference voltage. The FB pin
has an input current which has to be considered for accurate
DC outputs. The following equation can be used to calculate
the R1 and R2 value
R2
R1
) R2
VOUT + 1.27 *
where
∇ is the correction factor due to the existence of the
FB pin input current Ier.
+ (Ri ) R1 R2)Ier
Ri = DC resistance between the FB pin and the voltage
divider output.
Ier = VFB input current, 1.3
mA typical.
Design Voltage Dividers for OV and UV Detection
In Figure 13, the voltage divider uses three resistors in
series to set OV and UV threshold seen from the input
voltage. The values of the resistors can be calculated from
the following three equations, where the third equation is
derived from OV hysteresis requirement.
VIN(LOW)
R2
) R3
R2
) R3 ) R1 +
1.0 V
(A)
VIN(HIGH)
R3
R2
) R3 ) R1 +
2.0 V
(B)
12.5
mA
(R1
) R2) + VHYST
(C)
where:
VIN(LOW), VIN(HIGH) = input voltage OV and UV
threshold;
VHYST = OV hysteresis seen at VIN
It is self−evident from equation A and B that to use this
design, VIN(HIGH) has to be two times greater than
VIN(LOW). Otherwise, two voltage dividers have to be used
to program OV and UV separately.
Figure 12. The Design of Feedback Voltage Divider
Has to Consider the Error Amplifier Input Current
+
+
VOUT
R1
COMP
FB
R2
Ri
1.27
Ier
Figure 13. OV/UV Monitor Divider
VIN
R1
R2
R3
VUV
VOV


유사한 부품 번호 - CS51221EDR16G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

유사한 설명 - CS51221EDR16G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com