전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX93010 데이터시트(PDF) 1 Page - Synaptics Incorporated.

부품명 CX93010
상세설명  Full turnkey design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93010 데이터시트(HTML) 1 Page - Synaptics Incorporated.

  CX93010 Datasheet HTML 1Page - Synaptics Incorporated. CX93010 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC Dial-Up Modems
Controller-Based Modems
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for broadband communications and the digital home.
Distinguishing Features
• Full turnkey design
• Elegant and stylish ID design
• Slim and compact
• Passes strict EMC and safety standards of the
top PC OEMs
• Pre-certified for worldwide Telecom
Part Number CX-9Z-NR0226
Description
USB V.92 Dongle Modem Platform
USB V.92 Dongle Modem Platform
CX-9Z-NR0226
Controller-Based Modem with SmartDAA® 4 for PC Applications
Stylish, Turnkey Solution Surpassing PC OEM Requirements
Conexant’s CX-9Z-NR0226 USB V.92 Dongle Modem design platform
consists of the CX93010-11Z USB Modem with 4th Generation SmartDAA®
and the CX20548-11Z SmartDAA 4 Line Side Device (LSD). The CX-9Z-
NR0226 is a full turnkey USB V.92 dongle modem styled to complement
today’s fashionable notebooks. The attractive sleek profile with soft rounded
curves is easily stored in the smallest of notebook cases. Conexant has
leveraged its extensive experience in working with PC manufacturers
and expertise in analog modem technology to develop a modem that will
withstand the demands of the toughest PC OEMs and surpass all categories
of standards testing for safety and Electromagnetic Compatibility (EMC).
Low Cost
The CX-9Z-NR0226 incorporates several cost-saving features. The CX93010-
11Z is offered in a small 20-pin Quad Flat No-Lead (QFN) package allowing
for the small yet cost efficient PCB. The CX20548 SmartDAA 4 LSD builds
on three generations of market leading silicon DAA devices. It reduces Bill
of Material (BOM) cost and necessary board space, making it the most
cost efficient silicon DAA in the market. It eliminates the need for costly
analog transformers, relays and opto-isolators typically used in discrete DAA
implementation for country-specific modem configurations. The result is
a worldwide reduced system cost solution using a single bill of materials.
The SmartDAA 4 is system-powered, making it the most reliable and best
performing silicon DAA in the market. The SmartDAA 4 is shipping in
every top PC OEM continuing Conexant’s long tradition of providing the
most Internet connections via analog modems than all of its competitors
combined.
Quick Time-to-Market
The CX-9Z-NR0226 is pre-tested for worldwide telecom compliance and can
be transferred to any board Original Design Manufacturer (ODM) for fast
time to market. The OEM can customize the design to their liking by adding
their own color scheme and logo. The design is fully controlled by Conexant
from the PCB to the USB cable and the ID designs to assure consistent
product quality.
The CX-9Z-NR0226 is a hardware modem using the CX93010-11Z and
CX20548-11Z chipset. Because it is a hardware modem, it can be easily
adopted in non-x86 CPU and non-Windows OS based systems. The modem
will operate with any system that has a USB CDC (Communication Device
Class) driver.
Applications
• Notebook computers
• Desktop computers
• Workstations
4 mm x 4 mm
16-pin QFN
6 mm x 6 mm 20-pin QFN
Overall Measurements:
64 mm x 18 mm x 14 mm
(length x width x height)


유사한 부품 번호 - CX93010

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
   Full turnkey design
More results

유사한 설명 - CX93010

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
   Full turnkey design
logo
Bud Industries, Inc.
DC-8078 BUD-DC-8078 Datasheet
104Kb / 1P
   TURNKEY CABINET
logo
Axiomtek Co., Ltd.
EBOX639-822-FL AXIOMTEK-EBOX639-822-FL Datasheet
335Kb / 1P
   Fanless Design with full feature
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL Datasheet
337Kb / 1P
   Fanless operation design with full feature
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
   Optimized Turnkey Apache Hadoop Cluster
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL Datasheet
324Kb / 1P
   Fanless operation design with full feature I/O
GOT5103W-845 AXIOMTEK-GOT5103W-845 Datasheet
474Kb / 2P
   IP65 front bezel and IPX1 full enclosure design
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL_16 Datasheet
350Kb / 1P
   Fanless operation design with full feature I/O
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_16 Datasheet
304Kb / 1P
   Fanless operation design with full feature I/O
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_16 Datasheet
380Kb / 1P
   Fanless operation design with full feature I/O
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com