전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX93011 데이터시트(PDF) 2 Page - Synaptics Incorporated.

부품명 CX93011
상세설명  Pin compatible with CX90240 chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONEXANT [Synaptics Incorporated.]
홈페이지  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93011 데이터시트(HTML) 2 Page - Synaptics Incorporated.

  CX93011 Datasheet HTML 1Page - Synaptics Incorporated. CX93011 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2008 Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS MATEriAl iS ProviDED AS iS AND wiThoUT
ANy ExPrESS or iMPliED wArrANTiES, iNClUDiNg MErChANTABiliTy, fiTNESS for A
PArTiCUlAr PUrPoSE AND NoN-iNfriNgEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
CX93011 CSMxx Modem Simplified Interface
CX93011 Modem
20-Pin QFN
MCU/DSP/
SmartDAA
Interface
DTE/Host
Interface
Serial
Interface
RAM
TIP
RING
External
Discrete
Components
Telephone
Line
Digital Isolation
Barrier (DIB)
CX20548
SmartDAA 4
Line Side Device (LSD)
16-Pin QFN
Line Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
DAA Hardware
ROM
Optional
NVRAM
28.224 MHz
or
27.000 MHz
Crystal or Clock
Source
07-2720
Embedded Dial-Up Modems
Controller-Based Modems
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-201444
Conexant Product Portfolio
Conexant’s comprehensive product portfolio includes solutions for imaging, audio, and video applications, and analog modems that enable cost-
effective Internet access. The company’s broadband access products include end-to-end solutions for xDSL networks, and PON solutions for fiber
optic applications.
CX93011 Features
• Modulations and protocols
- ITU-T V.92: Quick Connect, Modem-on-Hold and
PCM upstream
- V.90/V.34/V.32bis/V.32
- V.22bis/V.22/V.23/V.21
- V.23 reverse, V.23 half-duplex
- Bell 212A/Bell 103
- V.29 FastPOS and V22 Fast Connect
- SIA Protocol and Contact ID for alarm equipment
- V.80 Synchronous Access Mode
- V.17/V.29 Fax Class 1/1.0 and Fax Class 2
• V.44/V.42bis/MNP5 data compression
• V.42/MNP2-4 Error correction
• Call waiting (CW) detection for selected countries
• Asynchronous Serial DTE interface
• Hardware and software flow control and speed buffering
• Embedded and upgradable 63 country profiles
• Optional serial NVRAM interface for country profile
storage and code upgrades
• Full-duplex 8-bit/16-bit PCM voice pass-through mode
• 28.224 MHz or 27.000 MHz frequency XTAL or clock input
• Worldwide operation
- Complies to TBR21 and other country requirements
- Type I and Type II Caller ID (CID) decoding
- Type II Caller ID snooping
- Call progress, blacklisting
- Meets worldwide DC mask requirements
• Low power and voltage
- Single +3.3 V supply
- Low power consumption mode
- +3.3 V I/O level
• Compact, robust board design
- Reference design files provided for quick time-to-market
- Reference design tested for PTT and TBR.21 approvals
- Small, low-profile modem packages
- Reference design supports 6KV isolation
SmartDAA features
• Extension pick-up detection
• Digital line protection
• Line reversal detection
• Remote hang-up detection
• Worldwide compliance
• CX20548 SmartDAA 4 LSD in a 16-pin QFN
• Worldwide support with a single design


유사한 부품 번호 - CX93011

제조업체부품명데이터시트상세설명
logo
Synaptics Incorporated.
CX93010 CONEXANT-CX93010 Datasheet
254Kb / 2P
   Full turnkey design
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
   Full turnkey design
More results

유사한 설명 - CX93011

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
AIMTEC
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
   Pin-to-pin compatible with SAM7S legacy products
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com