전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4137PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFP4137PBF
상세설명  Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4137PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFP4137PBF Datasheet HTML 1Page - International Rectifier IRFP4137PBF Datasheet HTML 2Page - International Rectifier IRFP4137PBF Datasheet HTML 3Page - International Rectifier IRFP4137PBF Datasheet HTML 4Page - International Rectifier IRFP4137PBF Datasheet HTML 5Page - International Rectifier IRFP4137PBF Datasheet HTML 6Page - International Rectifier IRFP4137PBF Datasheet HTML 7Page - International Rectifier IRFP4137PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
IRFP4137PbF
4
www.irf.com
© 2012 International Rectifier
October 30, 2012
-60
-20
20
60
100
140
180
TJ , Temperature ( °C )
270
280
290
300
310
320
330
340
350
360
370
Id = 3.5mA
Fig 8. Maximum Safe Operating Area
-50
0
50
100 150 200 250 300 350
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Fig 11. Typical Coss Stored Energy
Fig 12. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
Fig 9. Maximum Drain Current vs. Case Temperature
-75
-25
25
75
125
175
225
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 250µA
ID = 1.0mA
ID = 1.0A
Fig 10. Drain-to–Source Breakdown Voltage
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
7
14
21
28
35
42
Fig 7. Typical Source-Drain Diode Forward Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC


유사한 부품 번호 - IRFP4137PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4137PBF IRF-IRFP4137PBF Datasheet
389Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP4137PBF IRF-IRFP4137PBF_15 Datasheet
389Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4137PBF

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MS75N075 BWTECH-MS75N075 Datasheet
441Kb / 4P
   Improved dv/dt Capability, High Ruggedness
MS85N06 BWTECH-MS85N06 Datasheet
725Kb / 3P
   Improved dv/dt Capability, High Ruggedness
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
Fairchild Semiconductor
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
   Improved dv/dt capability
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
   Improved dv/dt capability
logo
Kersemi Electronic Co.,...
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
International Rectifier
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
logo
Infineon Technologies A...
AUIRFZ44NS INFINEON-AUIRFZ44NS Datasheet
643Kb / 11P
   Dynamic dV/dT and dI/dT capability
2015-10-27
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com