전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4137PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFP4137PBF
상세설명  Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4137PBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFP4137PBF Datasheet HTML 1Page - International Rectifier IRFP4137PBF Datasheet HTML 2Page - International Rectifier IRFP4137PBF Datasheet HTML 3Page - International Rectifier IRFP4137PBF Datasheet HTML 4Page - International Rectifier IRFP4137PBF Datasheet HTML 5Page - International Rectifier IRFP4137PBF Datasheet HTML 6Page - International Rectifier IRFP4137PBF Datasheet HTML 7Page - International Rectifier IRFP4137PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
 
IRFP4137PbF
7
www.irf.com
© 2012 International Rectifier
October 30, 2012
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
2x
c
"A"
"A"
E
E2/2
Q
E2
2X
L1
L
D
A
e
2x b2
3x b
LEADTIP
SEE
VIEW"B"
b4
B
A
Ø.010
B A
A2
A1
Ø.010
B A
D1
S
E1
THERMALPAD
-A-
ØP
Ø.010
B A
VIEW: "B"
SECTION: C-C, D-D, E-E
(b, b2, b4)
(c)
BASEMETAL
PLATING
VIEW: "A"- "A"
TO-247AC Part Marking Information
YEAR 1 = 2001
DATE CODE
PART NUMBER
INTERNATIONAL
LOGO
RECTIFIER
ASSEMBLY
56
57
IRFPE30
135H
LINE H
indicates "Lead-Free"
WEEK 35
LOT CODE
IN THE ASSEMBLY LINE "H"
ASSEMBLED ON WW 35, 2001
Notes: This part marking information applies to devices produced after 02/26/2001
Note: "P" in assembly line position
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFPE30
LOT CODE 5657
TO-247AC package is not recommended for Surface Mount Application.


유사한 부품 번호 - IRFP4137PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4137PBF IRF-IRFP4137PBF Datasheet
389Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP4137PBF IRF-IRFP4137PBF_15 Datasheet
389Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFP4137PBF

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MS75N075 BWTECH-MS75N075 Datasheet
441Kb / 4P
   Improved dv/dt Capability, High Ruggedness
MS85N06 BWTECH-MS85N06 Datasheet
725Kb / 3P
   Improved dv/dt Capability, High Ruggedness
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
Fairchild Semiconductor
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
   Improved dv/dt capability
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
   Improved dv/dt capability
logo
Kersemi Electronic Co.,...
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
International Rectifier
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
logo
Infineon Technologies A...
AUIRFZ44NS INFINEON-AUIRFZ44NS Datasheet
643Kb / 11P
   Dynamic dV/dT and dI/dT capability
2015-10-27
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com