전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25117-Q1 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25117-Q1
상세설명  Wide Input Range Synchronous Buck Controller with Analog Current Monitor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25117-Q1 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM25117-Q1 Datasheet HTML 3Page - Texas Instruments LM25117-Q1 Datasheet HTML 4Page - Texas Instruments LM25117-Q1 Datasheet HTML 5Page - Texas Instruments LM25117-Q1 Datasheet HTML 6Page - Texas Instruments LM25117-Q1 Datasheet HTML 7Page - Texas Instruments LM25117-Q1 Datasheet HTML 8Page - Texas Instruments LM25117-Q1 Datasheet HTML 9Page - Texas Instruments LM25117-Q1 Datasheet HTML 10Page - Texas Instruments LM25117-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
LM25117
LM25117-Q1
www.ti.com
SNVS714D – APRIL 2011 – REVISED APRIL 2012
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, the
following conditions apply: VVIN = 24V, VVCCDIS = 0V, RT = 25kΩ, no load on LO & HO.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
θJA
Junction to Ambient
WQFN-24 (4mmx4mm)
40
°C/W
θJC
Junction to Case
WQFN-24 (4mmx4mm)
6
°C/W
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25117 LM25117-Q1


유사한 부품 번호 - LM25117-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25117 TI1-LM25117 Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMH TI1-LM25117PMH Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMHE TI1-LM25117PMHE Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PMHX TI1-LM25117PMHX Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117PSQ TI1-LM25117PSQ Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
More results

유사한 설명 - LM25117-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25117 TI1-LM25117 Datasheet
703Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM5117 TI1-LM5117 Datasheet
702Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM5117 TI-LM5117_15 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com