전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDC02805SAKV 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADDC02805SAKV
상세설명  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADDC02805SAKV 데이터시트(HTML) 2 Page - Analog Devices

  ADDC02805SAKV Datasheet HTML 1Page - Analog Devices ADDC02805SAKV Datasheet HTML 2Page - Analog Devices ADDC02805SAKV Datasheet HTML 3Page - Analog Devices ADDC02805SAKV Datasheet HTML 4Page - Analog Devices ADDC02805SAKV Datasheet HTML 5Page - Analog Devices ADDC02805SAKV Datasheet HTML 6Page - Analog Devices ADDC02805SAKV Datasheet HTML 7Page - Analog Devices ADDC02805SAKV Datasheet HTML 8Page - Analog Devices ADDC02805SAKV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADDC02803SC/ADDC02805SA–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Case
Test
ADDC02803SC
ADDC02805SA
Parameter
Temp
Level Conditions
Min Typ Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Steady State Operating Input Voltage Range1 Full
VI
IO = 2 A to 20 A
18
28
40
18
28
40
V
Abnormal Operating Input Voltage Range
(Per MIL-STD-704D)
1
Full
VI
IO = 2 A to 16 A
16
50
16
50
V
Input Overvoltage Shutdown
+25
°C I
50
52.5 55
50
52.5
55
V
No Load Input Current
+25
°C I
90
90
mA
Disabled Input Current
Full
VI
0.85 2.0
0.85
2.0
mA
OUTPUT CHARACTERISTICS
2, 3
Output Voltage (VO)
+25
°CI
IO = 2 A to 20 A, VIN = 18 V to 40 V dc
3.26 3.30 3.34
5.00
5.025 5.05
V
Full
VI
IO = 2 A to 20 A, VIN = 18 V to 40 V dc
3.2
3.4
4.925
5.125 V
Full
VI
IO = 2 A to 16 A, VIN = 16 V to 50 V dc
3.2
3.4
4.925
5.125 V
Line Regulation
+25
°CV
IO = 20 A, VIN = 18 V to 40 V dc
1
1
mV
Load Regulation
+25
°CV
VIN = 28 V dc, IO = 2 A to 20 A
1
1
mV
Output Ripple/Noise
4
+25
°CI
IO = 20 A, 5 kHz – 2 MHz BW
15
35
15
50
mV p-p
Output Current (IO)
Full
VI
VIN = 18 V to 40 V dc
2
21.2
2
20
A
Output Overvoltage Protection
+25
°CV
IO = 20 A, Open Remote Sense Connection
145
125
% VO Nom
Output Current Limit
+25
°CV
VO = 90% VOUT Nom
130
% IO max
Output Short Circuit Current
+25
°C I
39
35
A
ISOLATION CHARACTERISTICS
Isolation Resistance
+25
°C I
Input to Output or Any Pin to Case at 500 V dc
100
100
M
DYNAMIC CHARACTERISTICS
4
Output Voltage Deviation Due to
Step Change in Load
+25
°CV
IO = 10 A to 20 A or 20 A to 10 A di/dt = 0.5 A/µs
350
500
mV
Response Time Due to Step Change in Load
+25
°CV
IO = 10 A to 20 A or 20 A to 10 A, di/dt = 0.5 A/µs,
135
125
µs
Time for VOUT to Return within 2% of Final Value
Soft Start Turn-On Time
5
+25
°CI
IO = 20 A, From Inhibit High to Status High
1
4
7
20
ms
THERMAL CHARACTERISTICS
Efficiency
+25
°CI
IO = 12 A
75
79
77
80
%
Max
VI
IO = 12 A
75
77
%
Min
VI
IO = 12 A
72
75
%
+25
°CI
IO = 20 A
74
77
77
79
%
Max
VI
IO = 20 A
74
77
%
Min
VI
IO = 20 A
73
75
%
Hottest Junction Temperature
6
+90
°CV
IO = 20 A
110
110
°C
CONTROL CHARACTERISTICS
Clock Frequency
Full
VI
IO = 2 A
0.85
0.99
0.85
0.99
MHz
ADJUST (Pin 3) V ADJ
+25
°C I
1.26 1.32 1.38
1.92
2.04
2.10
V
STATUS (Pin 4)
VOH
+25
°CI
IOH = 400 µA
2.4
4.0
2.4
4.0
V
VOL
+25
°CI
IOL = 1 mA
0.15 0.7
0.15
0.7
V
VAUX (Pin 5)
VO (nom)
+25
°CI
IAUX = 5 mA, Load Current = 20 A
13.2 13.7 14.2
14.3
14.7
15.3
V
INHIBIT (Pin 6)
VIL
+25
°C I
0.5
0.5
V
IIL
+25
°CI
VIL = 0.5 V
1.2
1.2
mA
VI (Open Circuit)
+25
°C I
15
15
V
SYNC (Pin 7)7
VIH
+25
°C I
4.0
4.0
V
IIH
+25
°CI
VIH = 7.0 V
175
175
µA
ISHARE (Pin 8)
+25
°CI
IO = 20 A
2.62 2.72 2.82
2.75
2.82
2.95
V
TEMP (Pin 9)
+25
°C V
3.90
3.90
V
NOTES
150 V dc upper limit rated for transient condition of up to 50 ms. 16 V dc lower limit rated for continuous operation during emergency condition. Steady state and
abnormal input voltage range require source impedance sufficient to insure input stability at low line. See sections entitled System Instability Considerations and Input
Voltage Range.
2Measured at the remote sense points.
3Unit regulates output voltage to zero load.
4C
LOAD = 0.
5Output is fully loaded into a constant resistive load.
6Refer to section entitled Thermal Characteristics for more information.
7Unit has internal pull-down; refer to section entitled Pin 7 (SYNC).
Specifications subject to change without notice.
REV. A
–2–
(TC = +25 C, VIN = 28 V dc
0.5 V dc, unless otherwise noted; full temperature range is
–55 C to +90 C; all temperatures are case and TC is the temperature measured at the center of the package bottom.)


유사한 부품 번호 - ADDC02805SAKV

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
More results

유사한 설명 - ADDC02805SAKV

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
   66 W Non-isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com