전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002G 데이터시트(PDF) 1 Page - DIOTEC Electronics Corporation

부품명 1N4002G
상세설명  Glass Passivated Die Construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DEC [DIOTEC Electronics Corporation]
홈페이지  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

1N4002G 데이터시트(HTML) 1 Page - DIOTEC Electronics Corporation

  1N4002G Datasheet HTML 1Page - DIOTEC Electronics Corporation 1N4002G Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001G THRU 1N4007G
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1N
4001G
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375” (9.5mm)lead length,P.C.B. mounted
IR
5.0
50.0
R JA
CJ
TJ,TSTG
100
8.0
-65 to +175
pF
C
µA
Typical thermal resistance (NOTE 2)
K/W
1N
4002G
1N
4004G
1N
4003G
1N
4005G
1N
4007G
1N
4006G
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic
Glass Passivated Die Construction


유사한 부품 번호 - 1N4002G

제조업체부품명데이터시트상세설명
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4002G LRC-1N4002G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

유사한 설명 - 1N4002G

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
   Glass Passivated Die Construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
   Glass passivated die construction
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
   Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
   Glass Passivated Die Construction
logo
Sangdest Microelectroni...
DF01 SMC-DF01 Datasheet
149Kb / 4P
   Glass passivated die construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
   Glass passivated die construction
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
   Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
   Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
   Glass passivated die construction
logo
Diodes Incorporated
S3K-13 DIODES-S3K-13 Datasheet
271Kb / 4P
   Glass Passivated Die Construction
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com