전자부품 데이터시트 검색엔진 |
|
ML412PJB153MLZ 데이터시트(PDF) 1 Page - Coilcraft lnc. |
|
ML412PJB153MLZ 데이터시트(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page 1102 Silver Lake Road Cary IL 60013 Phone Fax 800-981-0363 847-639-1508 E-mail Web cps@coilcraft.com www.coilcraft-cps.com ® © Coilcraft, Inc. 2012 Specifications subject to change without notice. Please check our website for latest information. High-Reliability PowerInductorsML412PJB 3015 POWER INDUCTORS Document ML436-1 Revised 01/24/11 Inductance2 DCR max3 SRF (MHz)4 Isat (A)5 Irms (A)6 Part number1 ±20% (µH) (Ohms) min typ 10% drop 20% drop 30% drop 20°C rise 40°C rise ML412PJB102MLZ 1.0 0.075 133 190 1.8 2.0 2.1 1.1 1.6 ML412PJB152MLZ 1.5 0.100 98.0 140 1.8 2.1 2.2 1.0 1.4 ML412PJB182MLZ 1.8 0.100 94.5 135 1.5 1.7 2.1 0.88 1.1 ML412PJB222MLZ 2.2 0.110 77.0 110 2.0 2.0 2.1 0.88 1.1 ML412PJB332MLZ 3.3 0.130 63.0 90 1.4 1.5 1.5 0.80 1.1 ML412PJB472MLZ 4.7 0.200 55.3 79 1.1 1.2 1.2 0.72 1.0 ML412PJB682MLZ 6.8 0.300 40.6 58 0.83 0.86 0.89 0.54 0.72 ML412PJB103MLZ 10 0.440 33.6 48 0.60 0.69 0.73 0.44 0.60 ML412PJB153MLZ 15 0.700 24.5 35 0.58 0.61 0.62 0.35 0.47 ML412PJB183MLZ 18 0.750 23.1 33 0.56 0.58 0.59 0.34 0.46 ML412PJB223MLZ 22 0.825 21.0 30 0.48 0.49 0.50 0.34 0.46 ML412PJB333MLZ 33 1.30 16.1 23 0.39 0.41 0.42 0.28 0.38 ML412PJB473MLZ 47 1.55 11.9 17 0.36 0.38 0.39 0.24 0.32 ML412PJB683MLZ 68 2.25 9.80 14 0.30 0.31 0.32 0.20 0.26 ML412PJB104MLZ 100 3.40 7.70 11 0.24 0.25 0.26 0.15 0.21 ML412PJB124MLZ 120 4.60 6.30 9.0 0.21 0.22 0.23 0.14 0.18 ML412PJB154MLZ 150 6.10 5.60 8.0 0.19 0.20 0.20 0.12 0.16 ML412PJB184MLZ 180 8.60 5.25 7.5 0.16 0.17 0.17 0.10 0.14 ML412PJB224MLZ 220 9.50 4.20 6.0 0.15 0.16 0.16 0.090 0.12 ML412PJB334MLZ 330 23.0 3.50 5.0 0.10 0.11 0.11 0.060 0.080 Core material Ferrite Terminations Silver-palladium-platinum-glass frit Weight 40 – 45 mg Ambient temperature –55°C to +105°C with Irms current, +105°C to +155°C with derated current Storage temperature Component: –55°C to +155°C. Packaging: –55°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Enhanced crush-resistant packaging 1000/7 ″ reel Plastic tape: 12 mm wide, 0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth Recommended pick and place nozzle OD: 3 mm; ID: ≤1.5 mm ■ High temperature materials allow operation in ambient temperatures up to 155°C ■ Special construction allows it to pass vibration testing to 80 G and shock testing to 1000 G. 1. When ordering, please specify testing code: ML412PJB333MLZ Testing: Z = COTS H = Screening per Coilcraft CP-SA-10001 N = Screening per Coilcraft CP-SA-10004 C = Custom screening (please specify when ordering) 2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A. Inductance at 1 MHz is the same for parts with SRF ≥10 MHz. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 8753ES or equivalent. 5. DC current that causes the specified inductance drop from its value without current. 6. Current that causes the specified temperature rise from 25°C ambient. 7. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. |
유사한 부품 번호 - ML412PJB153MLZ |
|
유사한 설명 - ML412PJB153MLZ |