전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE802 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MJE802
상세설명  4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE802 데이터시트(HTML) 1 Page - Motorola, Inc

  MJE802 Datasheet HTML 1Page - Motorola, Inc MJE802 Datasheet HTML 2Page - Motorola, Inc MJE802 Datasheet HTML 3Page - Motorola, Inc MJE802 Datasheet HTML 4Page - Motorola, Inc MJE802 Datasheet HTML 5Page - Motorola, Inc MJE802 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Darlington
Complementary Silicon Power
Transistors
. . . designed for general–purpose amplifier and low–speed switching applications.
• High DC Current Gain —
hFE = 2000 (Typ) @ IC = 2.0 Adc
• Monolithic Construction with Built–in Base–Emitter Resistors to Limit Leakage
Multiplication
• Choice of Packages —
MJE700 and MJE800 series
T0220AB, MJE700T and MJE800T
MAXIMUM RATINGS
Rating
Symbol
MJE700,T
MJE800,T
MJE702
MJE703
MJE802
MJE803
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
0.1
Adc
CASE 77
TO–220
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
40
0.32
50
0.40
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
CASE 77
TO–220
R
θJC
3.13
2.50
_C/W
25
TC, CASE TEMPERATURE (°C)
0
50
125
150
30
TO–220AB
50
40
20
10
Figure 1. Power Derating
75
100
TO–126
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE700/D
© Motorola, Inc. 1995
MJE700,T
MJE702
MJE703
MJE800,T
MJE802
MJE803
4.0 AMPERE
DARLINGTON
POWER TRANSISTORS
COMPLEMENTARY
SILICON
40 WATT
50 WATT
PNP
NPN
CASE 77–08
TO–225AA TYPE
MJE700 – 703
MJE800 – 803
CASE 221A–06
TO–220AB
MJE700T
MJE800T
REV 3


유사한 부품 번호 - MJE802

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE802 ONSEMI-MJE802 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJE802 STMICROELECTRONICS-MJE802 Datasheet
64Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
MJE802 ISC-MJE802 Datasheet
102Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
MJE802 FAIRCHILD-MJE802 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
STMicroelectronics
MJE802 STMICROELECTRONICS-MJE802 Datasheet
75Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTOR
September 2003
More results

유사한 설명 - MJE802

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE700 ONSEMI-MJE700_06 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com