전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74489440120 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74489440120
상세설명  COUPLED INDUCTOR WE-TDC 8038
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74489440120 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74489440120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74489440120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74489440120 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
8,4 ± 0,1
mm
B
16,0 ± 0,3
mm
C
1,5 + 0,1
mm
D
4,0 ± 0,1
mm
E
2,0 ± 0,1
mm
F
7,5 ± 0,1
mm
G
12,0 ± 0,1
mm
H
4,1 ± 0,1
mm
I
0,4 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
ALa
10-08-31
Name
Datum / date
Gurtspezifikation / Tape specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Änderung / modification
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
SPEICHERDROSSEL WE-TDC 8038
COUPLED INDUCTOR WE-TDC 8038
DATUM / DATE : 2010-08-31
Artikelnummer / part number :
74489440120
Spezifikation für Freigabe / specification for release
Kunde / customer :
Version 1
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
no component /
160 mm min.
components
no components /
100 mm min.
End
Start
feeding direction
D
G
B
Ø c
a
d
b
XXX
XXX
cover tape
E
A
øC
F
H
I
A
400 mm min.
SEITE 3 VON 3


유사한 부품 번호 - 74489440120

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74489440100 WURTH-74489440100 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440150 WURTH-74489440150 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440180 WURTH-74489440180 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
More results

유사한 설명 - 74489440120

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74489440150 WURTH-74489440150 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440180 WURTH-74489440180 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440018 WURTH-74489440018 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440027 WURTH-74489440027 Datasheet
227Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440068 WURTH-74489440068 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440100 WURTH-74489440100 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440220 WURTH-74489440220 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
744894400039 WURTH-744894400039 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440036 WURTH-74489440036 Datasheet
228Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
744894400082 WURTH-744894400082 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
74489440012 WURTH-74489440012 Datasheet
250Kb / 3P
   COUPLED INDUCTOR WE-TDC 8038
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com