전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1021A 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADM1021A
상세설명  Low-Cost Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1021A 데이터시트(HTML) 3 Page - Analog Devices

  ADM1021A Datasheet HTML 1Page - Analog Devices ADM1021A Datasheet HTML 2Page - Analog Devices ADM1021A Datasheet HTML 3Page - Analog Devices ADM1021A Datasheet HTML 4Page - Analog Devices ADM1021A Datasheet HTML 5Page - Analog Devices ADM1021A Datasheet HTML 6Page - Analog Devices ADM1021A Datasheet HTML 7Page - Analog Devices ADM1021A Datasheet HTML 8Page - Analog Devices ADM1021A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM1021A
–3–
REV. D
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic Description
1, 5, 9, 13, 16 NC
No Connect
2VDD
Positive Supply, 3 V to 5.5 V
3D+
Positive Connection to Remote
Temperature Sensor
4D–
Negative Connection to Remote
Temperature Sensor
6ADD1
Three-State Logic Input, Higher
Bit of Device Address
7, 8
GND
Supply 0 V Connection
10
ADD0
Three-State Logic Input, Lower
Bit of Device Address
11
ALERT
Open-Drain Logic Output Used as
Interrupt or SMBus Alert
12
SDATA
Logic Input/Output, SMBus Serial
Data. Open-Drain Output.
14
SCLK
Logic Input, SMBus Serial Clock
15
STBY
Logic Input Selecting Normal
Operation (High) or Standby Mode
(Low)
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VDD) to GND . . . . . . –0.3 V to +6 V
D+, ADD0, ADD1 . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
D– to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.6 V
SCLK, SDATA,
ALERT, STBY . . . . . . . . . . . –0.3 V to +6 V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±50 mA
Input Current, D– . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 mA
ESD Rating, All Pins (Human Body Model) . . . . . . . . 2000 V
Continuous Power Dissipation
Up to 70
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mW
Derating above 70
°C . . . . . . . . . . . . . . . . . . . . . 6.7 mW/°C
Operating Temperature Range . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . . . 300
°C
IR Reflow Peak Temperature . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θJA = 150°C/W.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
VDD
D+
D–
NC
ADD1
GND
GND
NC
STBY
SCLK
NC
SDATA
ALERT
ADD0
NC
ADM1021A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
P
S
P
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tF
tHD;DAT
tR
tLOW
tHD;STA
tBUF
S
SCL
SDA
tSU;STO
Figure 1. Diagram for Serial Bus Timing
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM1021A features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Package
Package
Range
Description
Option
ADM1021AARQ
0
°C to 100°C 16-Lead QSOP RQ-16
ADM1021AARQ-REEL
0
°C to 100°C 16-Lead QSOP RQ-16
ADM1021AARQ-REEL7
0
°C to 100°C 16-Lead QSOP RQ-16
ADM1021AARQZ
*
0
°C to 100°C 16-Lead QSOP RQ-16
ADM1021AARQZ-REEL
*
0
°C to 100°C 16-Lead QSOP RQ-16
ADM1021AARQZ-REEL7
* 0
°C to 100°C 16-Lead QSOP RQ-16
EVAL-ADM1021AEB
Evaluation Board
* Z = Pb-Lead free


유사한 부품 번호 - ADM1021A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ ONSEMI-ADM1021AARQZ Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021AARQZ-R7 ONSEMI-ADM1021AARQZ-R7 Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
More results

유사한 설명 - ADM1021A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com