전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1031ARQ 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADM1031ARQ
상세설명  Intelligent Temperature Monitor and Dual PWM Fan Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1031ARQ 데이터시트(HTML) 5 Page - Analog Devices

  ADM1031ARQ Datasheet HTML 1Page - Analog Devices ADM1031ARQ Datasheet HTML 2Page - Analog Devices ADM1031ARQ Datasheet HTML 3Page - Analog Devices ADM1031ARQ Datasheet HTML 4Page - Analog Devices ADM1031ARQ Datasheet HTML 5Page - Analog Devices ADM1031ARQ Datasheet HTML 6Page - Analog Devices ADM1031ARQ Datasheet HTML 7Page - Analog Devices ADM1031ARQ Datasheet HTML 8Page - Analog Devices ADM1031ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. 0
–5–
Typical Performance Characteristics–ADM1031
LEAKAGE RESISTANCE – M
15
10
1
100
3.3
10
30
–5
–20
5
0
–10
–15
DXP TO GND
DXP TO VCC (3.3V)
TPC 1. Temperature Error vs. PCB Track Resistance
FREQUENCY – Hz
17
0
15
13
11
9
7
5
3
1
–1
500k
2M
4M
6M
10M
100M
400M
VIN = 100mV p-p
VIN = 200mV p-p
TPC 2. Temperature Error vs. Power Supply Noise
Frequency
FREQUENCY – Hz
–1
0
400M
100k
1M
100M
200M
300M
2
0
3
1
500M
7
6
5
4
VIN = 40mV p-p
VIN = 20mV p-p
TPC 3. Temperature Error vs. Common-Mode Noise
Frequency
PIII TEMPERATURE – C
80
0
060
10
20
30
40
50
70
60
50
30
10
40
20
70
80
90
100
110
90
110
100
TPC 4. Pentium III Temperature Measurement vs.
ADM1031 Reading
DXP – DXN CAPACITANCE – nF
–2
–10
147
2.2
3.3
4.7
10
22
–3
–5
–7
–9
–6
1
–11
–12
–13
–14
–15
–16
0
–1
–4
–8
TPC 5. Temperature Error vs. Capacitance between
D+ and D–
SCLK FREQUENCY – kHz
80
0
0
75
1
5
10
25
50
70
60
50
30
10
40
20
100
250
500
750 1000
90
100
110
VCC = 5V
VCC = 3.3V
TPC 6. Standby Current vs. Clock Frequency


유사한 부품 번호 - ADM1031ARQ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1031ARQZ ONSEMI-ADM1031ARQZ Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-R7 ONSEMI-ADM1031ARQZ-R7 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-REEL ONSEMI-ADM1031ARQZ-REEL Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
More results

유사한 설명 - ADM1031ARQ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com