전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST526PND184MLZ 데이터시트(PDF) 1 Page - Coilcraft lnc.

부품명 ST526PND184MLZ
상세설명  Coupled Inductors for Critical Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST526PND184MLZ 데이터시트(HTML) 1 Page - Coilcraft lnc.

  ST526PND184MLZ Datasheet HTML 1Page - Coilcraft lnc. ST526PND184MLZ Datasheet HTML 2Page - Coilcraft lnc. ST526PND184MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
CoupledInductorsforCriticalApplications
Dimensions are in
inches
mm
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.76 – 0.87g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –55°C to +125°C.
Tape and reel packaging: –55°C to +80°C
Winding to winding isolation 200 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 250/7
″ reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.4 mm thick, 12 mm pocket spacing, 4.9 mm pocket depth
Tight coupling (k
≥ 0.97) and 200 V isolation make the
ST526PND series of coupled inductors ideal for use in
a variety of circuits including flyback, multi-output buck
and SEPIC.
These inductors provide high inductance, high efficiency
and excellent current handling in a rugged, low cost part.
They can also be used as two single inductors connected
in series or parallel, as a common mode choke or as a
1 : 1 transformer.
L1
L2
+
+
D
C
C
Typical Flyback Converter
VOUT
VIN
SW
L1
L2
++
+
––
D
D
C
C
SW
Typical Buck Converter with auxiliary output
Typical SEPIC schematic
VOUT
VOUT
VOUT
AUX
VIN
VIN
L1
L2
Q
C1
C
++
––
D
Document ST621-1 Revised 02/15/12
7342 COUPLED INDUCTORS
0.295
7,5
max
0.295
7,5
max
max
Dot indicates
pin 1
0.150
3,8
0.091
2,3
0.063
1,6
0.028
0,7
0.181
4,6
123
0.110
2,8
0.083
2,1
0.130
3,3
0.043
1,10
1
4
2
3
3
1
2
4
L1
L2
Recommended
Land Pattern
1
4
2
3
Suggested
Land Pattern


유사한 부품 번호 - ST526PND184MLZ

제조업체부품명데이터시트상세설명
logo
BCM Advanced Research.
ST526-RX370Q BCM-ST526-RX370Q Datasheet
470Kb / 1P
   SySTIUM® Model 526E Chassis Power Supply BCM RX370Q Mini-ITX Motherboard for Certified Solution
2021/08/18
More results

유사한 설명 - ST526PND184MLZ

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
   Coupled Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com