전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1232ARW 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM1232ARW
상세설명  Microprocessor Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARW 데이터시트(HTML) 4 Page - Analog Devices

  ADM1232ARW Datasheet HTML 1Page - Analog Devices ADM1232ARW Datasheet HTML 2Page - Analog Devices ADM1232ARW Datasheet HTML 3Page - Analog Devices ADM1232ARW Datasheet HTML 4Page - Analog Devices ADM1232ARW Datasheet HTML 5Page - Analog Devices ADM1232ARW Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADM1232
–4–
REV. B
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
PB RESET
Push Button Reset Input. This debounced input will ignore pulses of less than 1 ms and is guaranteed to re-
spond to pulses greater than 20 ms.
TD
Time Delay Set allows the user to select the maximum amount of time the ADM1232 will allow the
STROBE
input to remain inactive (i.e.,
STROBE is not receiving any high-to-low transitions), without forcing the
ADM1232 to generate a RESET pulse. (See
STROBE specifications, Figure 4 and the note on STROBE
timeout selection.)
TOLERANCE
Tolerance Input. This input will determine how much the supply voltage will be allowed to decrease (as a per-
centage tolerance) before a RESET is asserted. Connect to VCC for 10% and GND for 5%.
GND
0 V ground reference for all signals.
RESET
Active high logic output. Will be asserted when:
1. VCC decreases below the amount specified by the TOLERANCE input or,
2.
PB RESET is forced low or,
3. If there are no high-to-low transitions within the limits set by TD at
STROBE or,
4. During power-up.
RESET
Inverse of RESET, with an open drain output.
STROBE
The
STROBE input is used to monitor the activity of a microprocessor. If there are no high-to-low transi-
tions within the time specified by TD, a reset will be asserted.
VCC
Power supply input +5 V.
PIN CONFIGURATIONS
R-16
N-8 and R-8
RM-8
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM1232
NC = NO CONNECT
NC
STROBE
NC
NC
NC
TD
NC
NC
NC
TOLERANCE
GND
PB RESET
RESET
RESET
NC
VCC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM1232
PB RESET
RESET
STROBE
VCC
TD
TOLERANCE
GND
RESET
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM1232
PB RESET
RESET
STROBE
VCC
TD
TOLERANCE
GND
RESET


유사한 부품 번호 - ADM1232ARW

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1232ARW AD-ADM1232ARW Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARW-REEL AD-ADM1232ARW-REEL Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARW-REEL7 AD-ADM1232ARW-REEL7 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARWZ-REEL1 AD-ADM1232ARWZ-REEL1 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
ADM1232ARWZ-REEL71 AD-ADM1232ARWZ-REEL71 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results

유사한 설명 - ADM1232ARW

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com