전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR10X150CTH 데이터시트(PDF) 1 Page - Sirectifier Global Corp.

부품명 MBR10X150CTH
상세설명  Power Schottky Rectifier - 10Amp 150Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR10X150CTH 데이터시트(HTML) 1 Page - Sirectifier Global Corp.

  MBR10X150CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR10X150CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR10X150CTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 10Amp 150Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-ESD performance human body mode > 4 KV
-Halogen-Free
Application
-AC/DC Switching Adaptor and other Switching Power Supply
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
10
A
Average Forward Current
VRRM
150
V
Repetitive Peak Reverse Voltage
IFSM
120
A
Peak Forward Surge Current
VF
0.59
V
Forward Voltage Drop
Tj, Tstg
-40 to +150
º
C
Operating and Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
TYP.
MAX.
Maximum Instantaneous Forward Voltage
VF
0.74V
0.59V
0.79V
0.68V
Per Leg at
IF = 5A
Tc = 25ºC
Tc = 125ºC
TYP.
MAX.
Maximum Reverse Leakage Current
IR
0.2mA
15mA
1.0mA
30mA
Per Leg at
VR = 150V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
Per Leg
TO-220AB
ITO-220AB
June 2012 / Rev.6.9
E
L
E
C
T
R
O
N
I C
MBR10X150CTH/FCTH


유사한 부품 번호 - MBR10X150CTH

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
MBR10X100CTH SIRECT-MBR10X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
More results

유사한 설명 - MBR10X150CTH

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10U150CTH SIRECT-MBR10U150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10150C SIRECT-MBR10150C Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10150CT SIRECT-MBR10150CT Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR20U150CTH SIRECT-MBR20U150CTH Datasheet
144Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR30150CT SIRECT-MBR30150CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 150Volt
MBR20L150CT SIRECT-MBR20L150CT Datasheet
189Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com