전자부품 데이터시트 검색엔진 |
|
FM3012-W-A01 데이터시트(PDF) 1 Page - Rectron Semiconductor |
|
FM3012-W-A01 데이터시트(HTML) 1 Page - Rectron Semiconductor |
1 / 6 page VOLTAGE 1200 Volts CURRENT 3.0 Amperes MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. resistive or inductive load. FM3012 -W-A01 SMC MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted) Dimensions in inches and (millimeters) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ambient Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Current Squared Time Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC I I2T FSM CJ TSTG VRMS UNITS Volts Volts Volts Amps 3.0 100 41.5 47 30 Amps A2S 0 C/W 0 C/W 0 C Storage Temperature Range R θ JA Typical Thermal Resistance (Note 1) 13 R θ JL IO pF Operating Temperature Range TJ 150 -55 to + 150 0 C FM3012-W-A01 FM3012-W-A01 1200 1200 840 2012-09 REV: O CHARACTERISTICS Maximum Average Reverse Current at Rated DC Blocking Voltage VF SYMBOL IR µ A Maximum Instantaneous Forward Voltage at 3.0A DC Volts 2.0 125 @TA = 25 oC @TA = 100 oC µ A UNITS 1.1 NOTES : 1. Thermal Resistance :Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant","100% Sn plating (Pb-free)". FEATURES * Glass passivated device * Ideal for surface mounted applications * Low leakage current * Metallurgically bonded construction * Mounting position: Any * Weight: 0.24 gram * Epoxy : Device has UL flammability classification 94V-0 * MSL: 1 Level MECHANICAL DATA 0.103 ( 2.62 ) 0.079 ( 2.06 ) 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.060 ( 1.52 ) 0.030 ( 0.76 ) 0.320 ( 8.13 ) 0.305 ( 7.75 ) 0.280 ( 7.11 ) 0.260 ( 6.60 ) 0.245 ( 6.22 ) 0.220 ( 5.59 ) 0.125 (3.17 ) 0.115 (2.92 ) SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER 4. Available in Halogen-free epoxy by adding suffix -HF after the part nbr. |
유사한 부품 번호 - FM3012-W-A01 |
|
유사한 설명 - FM3012-W-A01 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |