전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMD20SJ 데이터시트(PDF) 4 Page - Rectron Semiconductor

부품명 KMD20SJ
상세설명  SCHOTTKY BARRIER BRIDGE RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECTRON [Rectron Semiconductor]
홈페이지  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

KMD20SJ 데이터시트(HTML) 4 Page - Rectron Semiconductor

  KMD20SJ Datasheet HTML 1Page - Rectron Semiconductor KMD20SJ Datasheet HTML 2Page - Rectron Semiconductor KMD20SJ Datasheet HTML 3Page - Rectron Semiconductor KMD20SJ Datasheet HTML 4Page - Rectron Semiconductor KMD20SJ Datasheet HTML 5Page - Rectron Semiconductor KMD20SJ Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


유사한 부품 번호 - KMD20SJ

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
KMD20S RECTRON-KMD20S Datasheet
577Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 20 TO 60 Volts CURRENT 1.0 Ampere
More results

유사한 설명 - KMD20SJ

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
2KMD80S RECTRON-2KMD80S Datasheet
579Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD20S RECTRON-2KMD20S Datasheet
572Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD40S RECTRON-2KMD40S Datasheet
722Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
2KMD80SJ RECTRON-2KMD80SJ Datasheet
102Kb / 6P
   SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS12 KISEMICONDUCTOR-MS12 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KMB32F ZSELEC-KMB32F Datasheet
394Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS22 ZSELEC-KABS22 Datasheet
140Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KABS12 ZSELEC-KABS12 Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS220S ZSELEC-TS220S Datasheet
143Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com