전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7173KST 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7173KST
상세설명  Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7173KST 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7173KST Datasheet HTML 7Page - Analog Devices ADV7173KST Datasheet HTML 8Page - Analog Devices ADV7173KST Datasheet HTML 9Page - Analog Devices ADV7173KST Datasheet HTML 10Page - Analog Devices ADV7173KST Datasheet HTML 11Page - Analog Devices ADV7173KST Datasheet HTML 12Page - Analog Devices ADV7173KST Datasheet HTML 13Page - Analog Devices ADV7173KST Datasheet HTML 14Page - Analog Devices ADV7173KST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ADV7172/ADV7173
–11–
REV. A
FILTER TYPE
FILTER SELECTION
PASSBAND RIPPLE
(dB)
3 dB BANDWIDTH
(MHz)
STOPBAND
CUTOFF (MHz)
STOPBAND
ATTENUATION (dB)
MR04
0
0
0
0
1
1
1
MR03
0
0
1
1
0
0
1
MR02
0
1
0
1
0
1
0
LOW-PASS (NTSC)
LOW-PASS (PAL)
NOTCH (NTSC)
NOTCH (PAL)
EXTENDED (SSAF)
CIF
QCIF
0.091
0.15
0.015
0.095
0.051
0.018
MONOTONIC
4.157
4.74
6.54
6.24
6.217
3.0
1.5
7.37
7.96
8.3
8.0
8.0
7.06
7.15
–56
–64
–68
–66
–61
–61
–50
Figure 4. Luminance Internal Filter Specifications
FILTER TYPE
FILTER SELECTION
PASSBAND RIPPLE
(dB)
3 dB BANDWIDTH
(MHz)
STOPBAND
CUTOFF (MHz)
STOPBAND
ATTENUATION (dB)
MR07
0
0
0
0
1
1
1
MR06
0
0
1
1
0
0
1
MR05
0
1
0
1
0
1
0
1.3 MHz LOW PASS
0.65 MHz LOW PASS
1.0 MHz LOW PASS
2.0 MHz LOW PASS
RESERVED
CIF
QCIF
0.084
MONOTONIC
MONOTONIC
0.0645
0.084
MONOTONIC
1.395
0.65
1.0
2.2
0.7
0.5
3.01
3.64
3.73
5.0
3.01
4.08
–45
–58.5
–49
–40
–45
–50
Figure 5. Chrominance Internal Filter Specifications
FREQUENCY – MHz
0
012
2
46
8
10
–10
–20
–30
–50
–60
–40
–70
Figure 6. NTSC Low-Pass Luma Filter
FREQUENCY – MHz
0
012
2
46
8
10
–10
–20
–30
–50
–60
–40
–70
Figure 7. PAL Low-Pass Luma Filter
INTERNAL FILTER RESPONSE
The Y Filter supports several different frequency responses,
including two low-pass responses, two notch responses, an Ex-
tended (SSAF) response with or without gain boost/attenuation, a
CIF response and a QCIF response. The UV Filter supports
several different frequency responses, including four low-pass
responses, a CIF response and a QCIF response. These can be
seen in Figures 4 to 18.
In Extended Mode there is the option of twelve responses in the
range from –4 dB to +4 dB. The desired response can be
chosen by the user by programming the correct value via the
I
2C. The variation of frequency responses can be seen in
Figures 19 to 21.
(continued from page 2)


유사한 부품 번호 - ADV7173KST

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7173KST AD-ADV7173KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
More results

유사한 설명 - ADV7173KST

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com