전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WZ4GP20KLH 데이터시트(PDF) 1 Page - Zowie Technology Corporation

부품명 WZ4GP20KLH
상세설명  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZOWIE [Zowie Technology Corporation]
홈페이지  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

WZ4GP20KLH 데이터시트(HTML) 1 Page - Zowie Technology Corporation

  WZ4GP20KLH Datasheet HTML 1Page - Zowie Technology Corporation WZ4GP20KLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(600V~1000V / 2A)
WZ4GP20JLH THRU WZ4GP20MLH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
WZ4GP20JLH
600
WZ4GP20MLH
1000
WZ4GP20KLH
800
V
IF(AV)
A
IFSM
A
60
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Rating
2.0
Repetitive peak reverse voltage
Bridge Rectifier
*
Halogen-free type
*
Internal structure with GPRC (glass passivated rectifier chip) inside
* Compliance to RoHS product
*
Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* Patented ZPAK
TM Package Technology
FEATURES
* AC/DC Power Supply
* Communication Equipment
APPLICATION
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser marking symbols
Weight : 0.11 gram
MECHANICAL DATA
Electrical characteristics (Ta = 25
o
C)
VF
IF = 2.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
0.92
0.95
Max.
Unit
Forward voltage
-
80
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
20
-
Rth(JL)
Junction to lead (NOTE)
pF
-
35
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.08
2
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
14.9
-
-
A
2
s
I2t
Current squared time
t < 8.3ms , Ta = 25
oC
2012/06
REV. 1
NOTES :
Tj,TSTG
-55 to +175
Operating junction and storage temperature Range
oC
MARKING
Z4GP
20JL
YWW
.
~
~
Y
= Last digit of the year
0
= 2010
1 = 2011
2 = 2012
WW
= Mfg week
01
= First week
02
= Second week
03
= Third week
Unit : mm
Case : Z4PAK
OUTLINE DIMENSIONS
3.30 ± 0.05
1.20 ± 0.15
0.90 ± 0.05
5.30 ± 0.1
4.10 ± 0.1
1.10 ± 0.1
Mounting Pad Layout
~
~
Mounted on P.C.B. with 1.5 x 1.0mm copper pads.
4
1
3
2
.
Z4GP
= Series code
20
= Amps class (2.0A)
J
= Voltage class
J = 600V
K = 800V
M = 1000V
L
= Low VF
= Halogen-free type


유사한 설명 - WZ4GP20KLH

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com