전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC104S085CISDX 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC104S085CISDX
상세설명  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC104S085CISDX 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC104S085CISDX Datasheet HTML 4Page - Texas Instruments DAC104S085CISDX Datasheet HTML 5Page - Texas Instruments DAC104S085CISDX Datasheet HTML 6Page - Texas Instruments DAC104S085CISDX Datasheet HTML 7Page - Texas Instruments DAC104S085CISDX Datasheet HTML 8Page - Texas Instruments DAC104S085CISDX Datasheet HTML 9Page - Texas Instruments DAC104S085CISDX Datasheet HTML 10Page - Texas Instruments DAC104S085CISDX Datasheet HTML 11Page - Texas Instruments DAC104S085CISDX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DB15
DB0
SCLK
DIN
SYNC
tSYNC
tDS
tDH
tCL
tCH
1 / fSCLK
tCFSR
1
2
13
14
15
16
tSS
OUTPUT
VOLTAGE
DIGITAL INPUT CODE
0
0
1024
ZE
FSE
GE = FSE - ZE
FSE = GE + ZE
1023 x VREFIN
1024
DAC104S085
SNAS362E – MAY 2006 – REVISED OCTOBER 2012
www.ti.com
on VREFIN with a full-scale code loaded into the DAC.
POWER EFFICIENCY is the ratio of the output current to the total supply current. The output current comes from
the power supply. The difference between the supply and output currents is the power consumed by the
device without a load.
SETTLING TIME is the time for the output to settle to within 1/2 LSB of the final value after the input code is
updated.
TOTAL HARMONIC DISTORTION (THD) is the measure of the harmonics present at the output of the DACs
with an ideal sine wave applied to VREFIN. THD is measured in dB.
WAKE-UP TIME is the time for the output to exit power-down mode. This is the time from the falling edge of the
16th SCLK pulse to when the output voltage deviates from the power-down voltage of 0V.
ZERO CODE ERROR is the output error, or voltage, present at the DAC output after a code of 000h has been
entered.
Transfer Characteristic
Figure 1. Input / Output Transfer Characteristic
Timing Diagrams
Figure 2. Serial Timing Diagram
8
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: DAC104S085


유사한 부품 번호 - DAC104S085CISDX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC104S085CIMM NSC-DAC104S085CIMM Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX NSC-DAC104S085CIMMX Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

유사한 설명 - DAC104S085CISDX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com