전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD451LT1 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MMBD451LT1
상세설명  Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD451LT1 데이터시트(HTML) 2 Page - Motorola, Inc

  MMBD451LT1 Datasheet HTML 1Page - Motorola, Inc MMBD451LT1 Datasheet HTML 2Page - Motorola, Inc MMBD451LT1 Datasheet HTML 3Page - Motorola, Inc MMBD451LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD451LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


유사한 부품 번호 - MMBD451LT1

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD452 PANJIT-MMBD452 Datasheet
58Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
   Dual Hot-Carrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
   Dual Hot-Carrier Diodes
MMBD452 BILIN-MMBD452 Datasheet
212Kb / 3P
   Schottky Barrier Diodes
More results

유사한 설명 - MMBD451LT1

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com