전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18502Q5B 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18502Q5B
상세설명  40-V, N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD18502Q5B 데이터시트(HTML) 1 Page - Texas Instruments

  CSD18502Q5B Datasheet HTML 1Page - Texas Instruments CSD18502Q5B Datasheet HTML 2Page - Texas Instruments CSD18502Q5B Datasheet HTML 3Page - Texas Instruments CSD18502Q5B Datasheet HTML 4Page - Texas Instruments CSD18502Q5B Datasheet HTML 5Page - Texas Instruments CSD18502Q5B Datasheet HTML 6Page - Texas Instruments CSD18502Q5B Datasheet HTML 7Page - Texas Instruments CSD18502Q5B Datasheet HTML 8Page - Texas Instruments CSD18502Q5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 30A
TC = 125ºC Id = 30A
G001
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
50
55
Qg - Gate Charge (nC)
ID = 30A
VDS = 20V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD18502Q5B
www.ti.com
SLPS320 – NOVEMBER 2012
40-V, N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD18502Q5B
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain to Source Voltage
40
V
Avalanche Rated
Qg
Gate Charge Total (4.5V)
25
nC
Qgd
Gate Charge Gate to Drain
8.4
nC
Logic Level
VGS = 4.5V
2.5
m
Pb Free Terminal Plating
RDS(on)
Drain to Source On Resistance
VGS = 10V
1.8
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.8
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 5-mm × 6-mm
13-Inch
Tape and
CSD18502Q5B
2500
Plastic Package
Reel
Reel
DC-DC Conversion
Secondary Side Synchronous Rectifier
ABSOLUTE MAXIMUM RATINGS
Motor Control
TA = 25°C
VALUE
UNIT
VDS
Drain to Source Voltage
40
V
DESCRIPTION
VGS
Gate to Source Voltage
±20
V
The NexFET™ power MOSFET has been designed
Continuous Drain Current (Package limited),
100
to minimize losses in power conversion applications.
TC = 25°C
ID
Continuous Drain Current (Silicon limited),
A
204
TC = 25°C
Figure 1. Top View
Continuous Drain Current, TA = 25°C
(1)
26
IDM
Pulsed Drain Current, TA = 25°C
(2)
167
A
PD
Power Dissipation(1)
3.2
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
387
mJ
ID = 88A, L = 0.1mH, RG = 25Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2 , 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - CSD18502Q5B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18502Q5BT TI1-CSD18502Q5BT Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD18502Q5B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502KCS TI-CSD18502KCS Datasheet
906Kb / 9P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com