전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA04-700D 데이터시트(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 BTA04-700D
상세설명  SENSITIVE GATE TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA04-700D 데이터시트(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA04-700D Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-700D Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-700D Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-700D Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA04-700D Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
A
V
T
DSA
BTA
(Insulated)
4
400
X
X
600
X
X
700
X
X
BTB
(Uninsulated)
400
X
X
600
X
X
PRODUCT INFORMATION
BT
A
04
-
400
T
Triac
Series
Insulation:
A: insulated
B: non insulated
Current: 04A
Voltage:
400: 400V
600: 600V
700: 700V
Sensitivity
ORDERING INFORMATION
http://www.luguang.cn
Email:lge@luguang.cn
BTA04 T/D/S/A
BTB04 T/D/S/A


유사한 부품 번호 - BTA04-700D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA04-700D STMICROELECTRONICS-BTA04-700D Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
More results

유사한 설명 - BTA04-700D

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com