전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56921PWPR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56921PWPR
상세설명  4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS56921PWPR 데이터시트(HTML) 1 Page - Texas Instruments

  TPS56921PWPR Datasheet HTML 1Page - Texas Instruments TPS56921PWPR Datasheet HTML 2Page - Texas Instruments TPS56921PWPR Datasheet HTML 3Page - Texas Instruments TPS56921PWPR Datasheet HTML 4Page - Texas Instruments TPS56921PWPR Datasheet HTML 5Page - Texas Instruments TPS56921PWPR Datasheet HTML 6Page - Texas Instruments TPS56921PWPR Datasheet HTML 7Page - Texas Instruments TPS56921PWPR Datasheet HTML 8Page - Texas Instruments TPS56921PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PH
PVIN
GND
BOOT
VSENSE
COMP
EN
RT/CLK
SS
PowerPAD
Css
Rrt
R3
C1
Cboot
Co
Lo
R1
R2
Cin
VIN
VIN
VOUT
PWRGD
SDA
SCL
VDD
Rp1
Rp2
SDA
SCL
VOUT
A1
A0
ADDR1
ADDR0
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
Output Current - A
C007
V
IN = 12 V
V
IN = 5 V
SIMPLIFIED SCHEMATIC
EFFICIENCY
Fsw = 500 kHz, V
= 1.1 V
OUT
TPS56921
www.ti.com
SLVSBL4 – OCTOBER 2012
4.5V to 17V Input, 9A Synchronous Step Down SWIFT™ Converter With VID Control
Check for Samples: TPS56921
1
FEATURES
Overcurrent Protection for Both MOSFETs
with Hiccup Mode for Severe Fault Conditions
VID Control Range via I2C Compatible
Thermal and Overvoltage Protection
Interface: 0.72V to 1.48V in 10mV Steps
Adjustable Soft Start
I2C Addressing Flexibility: 2 Bits by IC pins
Power Good Monitor for Under- and Over-
±1.5% Output Voltage over Temperature for
Voltage Conditions
VID Control
Operating Junction Temperature Range: –40°C
±1% Reference Voltage over Temperature for
to 125°C
External Regulation Mode
Available in 20-Pin HTSSOP Package with
Integrated 26m
Ω / 19mΩ MOSFETs
PowerPADTM
Power Input PVIN Voltage Range: 1.6V to 17V
Switching Frequency: 200kHz to 1.6MHz
APPLICATIONS
Internal Oscillator or Synchronizing to
Digital TVs
External Clock
Set Top Boxes
Shutdown Current: 2µA
SoC Power
Monotonic Start-Up into Pre-biased Output
Voltage
High Density Power Distribution Systems
DESCRIPTION
The TPS56921 in thermally enhanced 20-pin HTSSOP package is a full featured 17V, 9A synchronous step
down converter which is optimized for small designs through high efficiency and integrating the high-side and
low-side MOSFETs. After the initial power-up, the output voltage can be changed by codes sent to the IC via an
I2C compatible VID Control bus. Current mode control provides space savings and easy compensation.
The output voltage startup ramp is controlled by the SS pin which helps to control startup inrush current. Power
sequencing is supported by configuring the enable and the open drain power good pins. The output voltage is
user-configurable at startup by external voltage divider.
Cycle by cycle current limiting on the high-side fet protects the TPS56921 in overload situations and is enhanced
by a low-side sourcing current limit which prevents current runaway. There is also a low-side sinking current limit
which turns off the low-side MOSFET to prevent excessive reverse current. Hiccup protection will be triggered if
the overcurrent condition has persisted for longer than the preset time. Thermal hiccup protection disables the
part when die temperature exceeds thermal shutdown temperature and enables the part again after the built-in
thermal hiccup time.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPS56921PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
More results

유사한 설명 - TPS56921PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54020 TI1-TPS54020 Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS560200DBVR TI-TPS560200DBVR Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com