전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7491182112 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7491182112
상세설명  Off-line transformer WE-UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7491182112 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7491182112 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491182112 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
Netzteil-Übertrager WE-UNIT
description :
Off-line transformer WE-UNIT
DATUM / DATE : 2006-07-28
H Schaltbild / Schematics
TBr
2006-07-28
Name
Datum / date
Spezifikation für Freigabe / specification for release
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
Datum / date
Unterschrift / signature
..................................................................................
...............................................................................
Artikelnummer / part number :
7491182112
http://www.we-online.com
...............................................
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Version 1
Änderung / modification
..................................................
Geprüft / checked
Kontrolliert / approved
Kunde / customer :
3
1
6
7
8
9
W1
120-385V
W3
12V 0,35A
W2
12V 0,35A
Screen
1
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 2 VON 2


유사한 부품 번호 - 7491182112

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7491182124 WURTH-7491182124 Datasheet
120Kb / 2P
   Off-line transformer WE-UNIT
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
More results

유사한 설명 - 7491182112

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7491181112 WURTH-7491181112 Datasheet
126Kb / 2P
   Off-line transformer WE-UNIT
7491182124 WURTH-7491182124 Datasheet
120Kb / 2P
   Off-line transformer WE-UNIT
760871038 WURTH-760871038 Datasheet
106Kb / 2P
   Off-line transformer WE-UNIT
7491181124 WURTH-7491181124 Datasheet
126Kb / 2P
   Off-line transformer WE-UNIT
760871131 WURTH-760871131 Datasheet
177Kb / 2P
   Off-line transformer WE-UNIT
7491182012 WURTH-7491182012 Datasheet
82Kb / 2P
   Off-line transformer WE-UNIT
7491181012 WURTH-7491181012 Datasheet
119Kb / 2P
   Off-line transformer WE-UNIT
7491181024 WURTH-7491181024 Datasheet
119Kb / 2P
   Off-line transformer WE-UNIT
7491182024 WURTH-7491182024 Datasheet
81Kb / 2P
   Off-line transformer WE-UNIT
logo
PCA ELECTRONICS INC.
EPC3090-1 PCA-EPC3090-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com