전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

212-501-20-38 데이터시트(PDF) 1 Page - Marl International Limited

부품명 212-501-20-38
상세설명  Direct replacement for T1 쩐 Lilliput Edison Screw E5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

212-501-20-38 데이터시트(HTML) 1 Page - Marl International Limited

  212-501-20-38 Datasheet HTML 1Page - Marl International Limited 212-501-20-38 Datasheet HTML 2Page - Marl International Limited 212-501-20-38 Datasheet HTML 3Page - Marl International Limited 212-501-20-38 Datasheet HTML 4Page - Marl International Limited 212-501-20-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
212 series
• Direct replacement for T1 ¾ Lilliput Edison Screw E5
• ‘Fit and Forget’ reliability
• Centre contact Anode as standard
• Water clear lens
• Durable to shock and vibration
• Warm white LEDs may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
212-501-21-38
Red
12 Vdc
10
600
630
-40 - +80
-40 - +100
D
212-521-21-38
12 Vdc
10
-
212-532-21-38
Green
12 Vdc
10
800
515
-40 - +80
-40 - +100
F
212-930-21-38
Blue
12 Vdc
10
140
465
-30 - +85
-40 - +100
U
212-997-21-38
White
12 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
212-993-21-38
Warm White
12 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
212-501-23-38
Red
28 Vdc
8
600
630
-40 - +80
-40 - +100
D
212-521-23-38
Yellow
28 Vdc
8
600
585
-40 - +80
-40 - +100
D
212-532-23-38
Green
28 Vdc
8
800
515
-40 - +80
-40 - +100
F
212-930-23-38
28 Vdc
8
-
212-997-23-38
White
28 Vdc
8
27000
* See below
-30 - +85
-40 - +100
I
212-993-23-38
Warm White
28 Vdc
8
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 212 - version 2013-01-29-173302
page 1 of 5


유사한 부품 번호 - 212-501-20-38

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
212-501-21-38 MARL-212-501-21-38 Datasheet
305Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
212-501-21-38 MARL-212-501-21-38 Datasheet
265Kb / 5P
   filament replacement leds
212-501-21-38 MARL-212-501-21-38 Datasheet
265Kb / 5P
   filament replacement leds
212-501-21-38_1312 MARL-212-501-21-38_1312 Datasheet
265Kb / 5P
   filament replacement leds
212-501-21-38_1312 MARL-212-501-21-38_1312 Datasheet
265Kb / 5P
   filament replacement leds
More results

유사한 설명 - 212-501-20-38

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
204 MARL-204 Datasheet
280Kb / 5P
   Direct replacement for T1 쩐 Bi-Pin
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235 MARL-235 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
205 MARL-205 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
206 MARL-206 Datasheet
277Kb / 5P
   Direct replacement for T1 쩐 Midget Flange SX6s
236 MARL-236 Datasheet
195Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com