전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2002-1U 데이터시트(PDF) 3 Page - Minilogic Device Corporation Limited

부품명 ML2002-1U
상세설명  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINILOGIC [Minilogic Device Corporation Limited]
홈페이지  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-1U 데이터시트(HTML) 3 Page - Minilogic Device Corporation Limited

  ML2002-1U Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P3/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
DC Characteristic
AC Characteristic
VDD = 3.0V; Tamb = 25
oC ; unless otherwise specified
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Supplies
Supply voltage
VDD
2.5
-
6.0
V
Supply Current
IDD
Disable Oscillator and
1/2 PVDD opamp
-
0.1
0.5
uA
Supply Current
IDD
Enable Oscillator
-
25
60
uA
Supply Current
IDD
Enable Oscillator and
Internal 1/2 PVDD
opamp
-
80
100
uA
Logic
LOW-level input voltage
VIL
GND
-
0.3*VDD
V
HIGH-level input voltage
VIH
0.7*VDD
-
VDD
V
LOW-level output current
IOL
VOL = 1.0V
1
-
-
mA
HIGH-level output
current
IOH
VOH = 2.0V
-1
-
-
mA
LCD outputs
Output resistance at pads
S1 to S40
RSEG
-
85
150
ohm
Output resistance at pads
COM1A and COM1B
RCOM
-
45
100
ohm
VDD =3.0V; Tamb = 25
oC; unless otherwise specified
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Oscillator frequency at
pad OOUT
foout
21
32
48
kHz
FIN, LOAD, DIN, DCLK
High time
tH
0.4
-
-
us
FIN, LOAD, DIN, DCLK
Low time
tL
0.4
-
-
us
FIN, LOAD, DIN, DCLK
Rise time
tr
-
-
10
us
FIN, LOAD, DIN, DCLK
Fall time
tf
-
-
10
us
DCLK Frequency
FDCLK
1
-
250
kHz


유사한 부품 번호 - ML2002-1U

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
More results

유사한 설명 - ML2002-1U

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
   Static/Half Duty LCD COG Driver with Real Time Clock
ML1001 MINILOGIC-ML1001 Datasheet
644Kb / 14P
   ML1001 Series Static LCD COG Driver
logo
Epson Company
S2S65A30 EPSON-S2S65A30 Datasheet
534Kb / 38P
   One-chip solution, which can reduce system cost.
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
logo
Rohm
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
   Low Duty LCD Segment Driver For Automotive COG Application
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
   Low insertion loss which can reduce power consumption
logo
Bolymin, Inc
BO320240B BOLYMIN-BO320240B Datasheet
193Kb / 1P
   COG package LCD driver only
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20120G9D5T WALSIN-RFBLN20120G9D5T Datasheet
234Kb / 3P
   Low insertion loss which can reduce power consumption
RFBLN1608050AM6T30 WALSIN-RFBLN1608050AM6T30 Datasheet
363Kb / 3P
   Low insertion loss which can reduce power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com