전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

748-980-76-52 데이터시트(PDF) 2 Page - Marl International Limited

부품명 748-980-76-52
상세설명  High Efficiency Components Used For Maximum Energy Saving
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

748-980-76-52 데이터시트(HTML) 2 Page - Marl International Limited

  748-980-76-52 Datasheet HTML 1Page - Marl International Limited 748-980-76-52 Datasheet HTML 2Page - Marl International Limited 748-980-76-52 Datasheet HTML 3Page - Marl International Limited 748-980-76-52 Datasheet HTML 4Page - Marl International Limited 748-980-76-52 Datasheet HTML 5Page - Marl International Limited 748-980-76-52 Datasheet HTML 6Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EQUIVALENT TO 250W
PRODUCT DIMENSIONS
NB.TOUGHENED GLASS IS REPLACED WITH LEXAN F2000 POLYCARB
EXPECTANCY.
11/04/12
SENSOR HOUSING MATERIAL: THERMOPLASTIC MOULDING.
LONGER LIFE
WITH UP TO 30 x
HALOGEN FLOOD LIGHT
WITH TEMPERED GLASS.
HIGH EFFICIENCY
COMPONENTS USED
FOR MAXIMUM ENERGY
SAVING.
LONG LIFE AND
RELIABILITY ELIMINATE
MAINTENANCE PERIOD
FOR 60,000HRS (13 YRS
@12 HRS PER DAY).
DURABLE POWDER
COATED IP66 HOUSING
*DUSK TO DAWN SENSOR SPECIFICATION
SUPPLY VOLTAGE: 240VAC.
SWITCHING LEVEL: 70 LUX (APPROX).
CLEAN WITH SOFT DRY CLOTH.
DO NOT USE ANY CHEMICAL OR ABRASIVE CLEANERS.
RW
NJO
6
025/12
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL8801
2
ASS8800
6
ISSUE
MODIFICATION
DRN
DATE
1
ORIGINAL ISSUE
RE
DT
© MARL INTERNATIONAL LIMITED 2010 THIS DRAWING AND COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED
TO A THIRD PARTY WITHOUT THE PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
OF 6
±0.1
N/A
1:4
05/01/11
05/01/11
5
22/12/11
107/11
DT
102/11
4
17/11/11
RE
w: www.marl.co.uk
FEATURES
ORIGINAL SCALE
LOW PROFILE LED FLOODLIGHT
RW
20/05/11
035/11
2
3
GR
074/11
14/09/11
RW
Marl International Limited
Marl Business Park
Ulverston
Cumbria
LA12 9BN
t: +44 (0) 1229 582430
f: +44 (0) 1229 585155
e: sales@marl.co.uk
19/03/12
* OPTIONAL
DUSK TO DAWN
SENSOR.
264
277
101
R5.450
0
10.900
75
12.800


유사한 부품 번호 - 748-980-76-52

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
748-982-76-50 MARL-748-982-76-50 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
More results

유사한 설명 - 748-980-76-52

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
   High Efficiency Components Used For Maximum Energy Saving
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
   Energy-saving light
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
   Energy saving offline high voltage converter
Rev 3 - November 2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
   Energy saving offline high voltage converter
Rev 5 April 2020
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
   Energy-saving axial fan
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
   Energy-saving axial fans
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
   Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
   Energy saving off-line high voltage converter
March 2016 Rev 1
logo
Recom International Pow...
REDIM RECOM-REDIM Datasheet
418Kb / 3P
   suitable for energy-saving lamps, dimmable LED lamps
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
   Energy Saving Type Low Dissipation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com