전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447745022 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447745022
상세설명  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447745022 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447745022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447745022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447745022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
F
mm
G
mm
H
mm
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit
ME
09-05-19
ME
07-04-21
Name
Datum / date
Änderung / modification
Version 1
Version 2
5,8 ± 0,3
5,2 ± 0,3
Typ MS
typ.
|∆L/L|<10%
Isat
3,50
A
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
F Werkstoffe & Zulassungen / material & approvals:
Endoberfläche / finishing electrode:
Sn/Cu - 99,3/0,7%
Betriebstemp. / operating temperature:
-40°C - + 125°C
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-05-19
max.
A
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
SRF
MHz
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Basismaterial / base material:
G Eigenschaften / general specifications:
Kunde / customer :
7447745022
SMD-SPEICHERDROSSEL WE-PD2
POWER CHOKE WE-PD2
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
2,15 ref.
1,7 ref.
6,0 ref.
5,5 ref.
2,0 ref.
2,0 ± 0,3
mΩ
36,00
±20%
2,20
mΩ
µH
RDC typ.
30,00
IDC
D Prüfgeräte / test equipment:
HP 4274 A für/for L und/and Q
HP 34401 A für/for R
DC und IDC
3,60
64,0
..................................................................................
..................................................................................
..................................................................................
Würth Elektronik
@ 20°C
@ 20°C
∆T= 40 K
100 kHz / 10mA
typ.
RDC max.
typ.
L
typ.
F
E
H
G
H
[mm]
LF
A
B
D
C
SEITE 1 VON 3


유사한 부품 번호 - 7447745022

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74477450012 WURTH-74477450012 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450027 WURTH-74477450027 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450027 WURTH-74477450027_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450056 WURTH-74477450056 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
More results

유사한 설명 - 7447745022

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com