전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1003 데이터시트(PDF) 10 Page - Touchstone Semiconductor Inc

부품명 TS1003
상세설명  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003 데이터시트(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1003 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1003
Page 10
TS1003DS r1p0
RTFDS
Configuring the TS1003 as Microwatt Analog
Comparator
Although optimized for use as an operational
amplifier, the TS1003 can also be used as a rail-to-
rail I/O comparator as illustrated in Figure 7.
External hysteresis can be employed to minimize the
risk of output oscillation. The positive feedback
circuit causes the input threshold to change when
the output voltage changes state. The diagram in
Figure 8 illustrates the TS1003’s analog comparator
hysteresis band and output transfer characteristic.
The design of an analog comparator using the
TS1003 is straightforward. In this application, a 1.5-
V power supply (VDD) was used and the resistor
divider network formed by RD1 and RD2 generated
a convenient reference voltage (VREF) for the circuit
at ½ the supply voltage, or 0.75V, while keeping the
current drawn by this resistor divider low. Capacitor
C1 is used to filter any extraneous noise that could
couple into the TS1003’s inverting input.
In this application, the desired hysteresis band was
set to 100mV (VHYB) with a desired high trip-point
(VHI) set at 1V and a desired low trip-point (VLO) set
at 0.9V.
Since the TS1003 is a very low supply current
amplifier (0.6µA, typical), it is desired that the design
of an analog comparator using the TS1003 should
also use as little current as practical. The first step in
the design, therefore, was to set the feedback
resistor R3:
R3 = 10MΩ
Calculating a value for R1 is given by the following
expression:
R1 = R3 x (VHYB/VDD)
Substituting VHYB = 100mV, VDD = 1.5V, and R3 =
10MΩ into the equation above yields:
R1 = 667kΩ
The following expression was then used to calculate
a value for R2:
R2 = 1/[VHI/(VREF x R1) – (1/R1) – (1/R3)]
Substituting VHI = 1V, VREF = 0.75V, R1 = 667kΩ,
and R3 = 10MΩ into the above expression yields:
R2 = 2.5MΩ
Printed Circuit Board Layout Considerations
Even though the TS1003 operates from a single
0.8V to 5.5V power supply and consumes very little
supply current, it is always good engineering
practice to bypass the power supplies with a 0.1μF
ceramic capacitor placed in close proximity to the
VDD and VSS (or GND) pins.
Good pcb layout techniques and analog ground
plane management improve the performance of any
analog circuit by decreasing the amount of stray
capacitance that could be introduced at the op amp's
inputs and outputs. Excess stray capacitance can
easily couple noise into the input leads of the op
amp and excess stray capacitance at the output will
add to any external capacitive load. Therefore, PC
board trace lengths and external component leads
should be kept a short as practical to any of the
TS1003’s package pins. Second, it is also good
engineering practice to route/remove any analog
ground plane from the inputs and the output pins of
the TS1003.
Figure 8: Analog Comparator Hysteresis Band and Output
Switching Points.
Figure 7: A MicroWatt Analog Comparator with User-
Programmable Hysteresis.


유사한 부품 번호 - TS1003

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IG5 SILABS-TS1003IG5 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IG5T SILABS-TS1003IG5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5 SILABS-TS1003IJ5 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
TS1003IJ5T SILABS-TS1003IJ5T Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
More results

유사한 설명 - TS1003

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1002 TOUCHSTONE-TS1002 Datasheet
830Kb / 13P
   THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1005 TOUCHSTONE-TS1005 Datasheet
855Kb / 11P
   A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com