전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3005ITD1033T 데이터시트(PDF) 2 Page - Touchstone Semiconductor Inc

부품명 TS3005ITD1033T
상세설명  A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3005ITD1033T 데이터시트(HTML) 2 Page - Touchstone Semiconductor Inc

  TS3005ITD1033T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3005ITD1033T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS3005
Page 2
TS3005DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
VDD to GND............................................................... -0.3V to +5.5V
PWM_CNTRL to GND .............................................. -0.3V to +5.5V
FOUT, PWMOUT to GND......................................... -0.3V to +5.5V
RSET to GND........................................................... -0.3V to +2.5V
CPWM to GND ......................................................... -0.3V to +5.5V
FDIV to GND ............................................................ -0.3V to +5.5V
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ... 1078mW
Operating Temperature Range................................ -40°C to +85°C
Storage Temperature Range................................. -65°C to +150°C
Lead Temperature (Soldering, 10s) ..................................... +300°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS3005ITD1033TP
3005I
Tape
& Reel
-----
TS3005ITD1033T
Tape
& Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


유사한 부품 번호 - TS3005ITD1033T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS3005ITD1033T SILABS-TS3005ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

유사한 설명 - TS3005ITD1033T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com