전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1318117-3 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 2-1318117-3
상세설명  AMP Dynamic Series Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1318117-3 데이터시트(HTML) 2 Page - Tyco Electronics

  2-1318117-3 Datasheet HTML 1Page - Tyco Electronics 2-1318117-3 Datasheet HTML 2Page - Tyco Electronics 2-1318117-3 Datasheet HTML 3Page - Tyco Electronics 2-1318117-3 Datasheet HTML 4Page - Tyco Electronics 2-1318117-3 Datasheet HTML 5Page - Tyco Electronics 2-1318117-3 Datasheet HTML 6Page - Tyco Electronics 2-1318117-3 Datasheet HTML 7Page - Tyco Electronics 2-1318117-3 Datasheet HTML 8Page - Tyco Electronics 2-1318117-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
17
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-2000 Series (Continued)
AMP Dynamic Series Connectors
Voltage Rating
Description
Material
Receptacle contact
Tab contact
Copper alloy
Copper alloy
Finish
Contact area 0.38 µm min. gold
plating underplated nickel
Contact area 0.38 µm min. gold
plating — Contact tail tin plated
underplated nickel
Tab post
Housing
UL94V-0 rated glass filled polyester (PBT)
Material and Finish
Pitch
Item
Current Rating
1-position : 5A
3-position : 5A
6-position : 5A
8-position : 4.5A
12-position : 4A
20-position : 3.2A
(when using #18 AWG wire)
Contact Resistance
Dielectric Withstanding Voltage
Operating Temperature
10 mΩ max.
1,500 V (1minute)
-55˚~+105˚C
*When connectors are used singly.
2.5mm
250 VAC
Performance Specifications


유사한 부품 번호 - 2-1318117-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1318114-3 MACOM-2-1318114-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-4 MACOM-2-1318114-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results

유사한 설명 - 2-1318117-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1318114-9 MACOM-2-1318114-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-9 MACOM-2-1318115-9 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318120-3 MACOM-2-1318120-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
1-1903128-1 MACOM-1-1903128-1 Datasheet
525Kb / 15P
   AMP Dynamic Series Connectors
2-1318116-3 MACOM-2-1318116-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318114-6 MACOM-2-1318114-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-4 MACOM-2-1318115-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318119-4 MACOM-2-1318119-4 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-3 MACOM-2-1318115-3 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
2-1318115-6 MACOM-2-1318115-6 Datasheet
3Mb / 18P
   AMP Dynamic Series Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com