전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-FSP850-50TGM 데이터시트(PDF) 1 Page - Sparkle Power Inc.

부품명 R-FSP850-50TGM
상세설명  850 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPI [Sparkle Power Inc.]
홈페이지  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

R-FSP850-50TGM 데이터시트(HTML) 1 Page - Sparkle Power Inc.

  R-FSP850-50TGM Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Manufacturer
www.sparklepower.com
R-FSP850-50TGM
(80PLUS Gold, RoHS Compliant)
Features
Complied with ATX12V V2.3 EPS12V V2.92 standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,
FCC,EMC.
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current:
Inrush Current: No damage.
Specification
Temperature Range: Operating: +0°C ~ +40°C on full load
Storage & Shipping: -20°C ~ +80°C
Humidity: 5-95% on operating, 5-95% on storage
Dielectric Withstand: Primary to frame ground 1800VAC for 3
second
Efficiency: 87% minimum, typical up to 90%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH):180x150x85.8mm / 7.1x5.9x3.4inch
Output Characteristics
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
Tel : 408-519-8888
Fax: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
Tel : 626-839-7180
Fax: 626-839-3395
(1) +3.3V & +5V total output not exceed 160W.
(2) Maximum combined current for the 12V outputs shall be 70A.
(3) Total output power for the proposal power supply is 850 watts.
(4) Connectors: 1x 24pin Main Power Connector; 1x 4+4pin +12V Power Connector; 1x 8pin +12V Power Connector; 6x 4pin
Peripheral Connector; 1x Floppy Connectors; 10x 5pin SATA Connectors; 8x 6+2pin PCI Express Connector; 2x Fan Connectors.
850 Watts ATX12V V2.3 EPS12V V2.92 Switching
Power Supply (Meet 2013 ErP)
Output
Min Current Normal Current Max Current Peak Current
+3.3V
0.1A
18A
25A
+5V
0.1A
18A
25A
+12V
0.5A
52A
70A
-12V
0.0A
0.5A
0.8A
+5Vsb
0.1A
2.25A
3.0A
3.5A
Max 13A@115Vac, 7A@230Vac


유사한 부품 번호 - R-FSP850-50TGM

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
R-FSP040-RAC SPI-R-FSP040-RAC Datasheet
1Mb / 1P
   40 Watts Power Adapter Low noise and ripple
R-FSP065-21UAN0 SPI-R-FSP065-21UAN0 Datasheet
239Kb / 6P
   With USB output LCD display Adapter Power Supply
R-FSP1000-50TGM SPI-R-FSP1000-50TGM Datasheet
1Mb / 1P
   1000 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
   1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results

유사한 설명 - R-FSP850-50TGM

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
R-FSP600-80ETN SPI-R-FSP600-80ETN Datasheet
2Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1000-50TGM SPI-R-FSP1000-50TGM Datasheet
1Mb / 1P
   1000 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-SPI750ACAG SPI-R-SPI750ACAG Datasheet
2Mb / 1P
   750 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-SPI650ACAG SPI-R-SPI650ACAG Datasheet
4Mb / 1P
   650 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP700-80ETN SPI-R-FSP700-80ETN Datasheet
2Mb / 1P
   700 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
   1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP500-70ETN SPI-R-FSP500-70ETN Datasheet
2Mb / 1P
   500 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP550-80ETN SPI-FSP550-80ETN Datasheet
1Mb / 1P
   550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com