전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJP-2V04W1P1 데이터시트(PDF) 2 Page - Seoul Semiconductor

부품명 SMJP-2V04W1P1
상세설명  Acrich 2 - 120V 4.3W MR Connect using a AIC directly to AC power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJP-2V04W1P1 데이터시트(HTML) 2 Page - Seoul Semiconductor

  SMJP-2V04W1P1 Datasheet HTML 1Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 2Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 3Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 4Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 5Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 6Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 7Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 8Page - Seoul Semiconductor SMJP-2V04W1P1 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 01
Rev. 01
June 2012
June 2012
www.Acrich.com
www.Acrich.com
2
Acrich2 - 120V 4.3W MR
Acrich2
* The appearance and specifications of the product can be changed
for improvement without notice.
The Acrich 2 series, which are designed for AC drive(or
operation), do not need the standard converter essential for a
conventional general lighting product.
The modules also have a high power factor which can contribute
to high energy savings in many lighting applications.
Since there is no need for a converter, the Acrich 2 series life-
time can be estimated
closer to the LED because it is not as dependent on the other
electronics in the system.
It also allows for better utilization of space without the converter.
Description
Connect using a AIC
directly to AC power
High Power Efficiency
• High Power Factor
• Low THD
Long Life Time
Simplest BOM
Miniaturization
• Lead Free product
• RoHS compliant
Features
Applications
• Bulb light
• Down light
• Factory Ceiling light
• Industrial Light


유사한 부품 번호 - SMJP-2V04W1P1

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
More results

유사한 설명 - SMJP-2V04W1P1

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJD-2D16W2P3 SEOUL-SMJD-2D16W2P3 Datasheet
563Kb / 14P
   Acrich2 120V 17W Module Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com