전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447786001 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447786001
상세설명  7447786001
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447786001 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447786001 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447786001 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447786001 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
100% Sn
MST
08-09-24
Name
Datum / date
L
1,00
7447786001
0,028
IDC
typ.
HP 34401 A für/for IDC und/and RDC
HP 4274 A für/for L und/and Q
A Mechanische Abmessungen / dimensions :
100 kHz / 0,25V
@ 20°C
Artikelnummer / part number :
Testbedingungen /
test conditions
Luftfeuchtigkeit / humidity:
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
RDC typ
0,034
± 25%
A
Spezifikation für Freigabe / specification for release
DATUM / DATE: 2008-09-25
max.
C Lötpad / soldering spec. :
B Elektrische Eigenschaften / electrical properties :
µH
D Prüfgeräte / test equipment :
Datum / date
..................................................................................
Unterschrift / signature
E Testbedingungen / test conditions :
Freigabe erteilt / general release:
|∆L/L|<10%
A
Isat
5,50
∆T=40 K
Kunde / customer
RDC max
@ 20°C
Würth Elektronik
http://www.we-online.de
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Kontrolliert / approved
F Werkstoffe & Zulassungen / material & approvals :
G Eigenschaften / general specifications :
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Draht / wire:
Class H
Anbindung an Elektrode / soldering wire to plating:
Basismaterial / base material:
Betriebstemp. / operating temperature: -40°C - + 125°C
Ferrit/ferrite
Geprüft / checked
...................................................
............................................
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Endoberfläche / finishing electrode:
Änderung / modification
Version 1
Kunde / customer :
..................................................................................
Sn/Ag/Cu - 96.5/3.0/0.5%
Typ XSH
2,8 ref.
5,9 ± 0,3
6,2 ± 0,3
5,1 max.
1,5 ref.
@ 20°C
fres
180,00
MHz
typ.
typ.
5,00
max.
[mm]
1,9
2,5
6,2
C
A
B
D
E
Marking
SEITE 1 VON 3


유사한 부품 번호 - 7447786001

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447786001 WURTH-7447786001_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com