전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSHQ-1-S 데이터시트(PDF) 2 Page - Major League Electronics

부품명 SSHQ-1-S
상세설명  .100 cl Single Row - Straight Socket Strip - using .025" sq. pins
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAJOR-LEAGUE [Major League Electronics]
홈페이지  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SSHQ-1-S 데이터시트(HTML) 2 Page - Major League Electronics

  SSHQ-1-S Datasheet HTML 1Page - Major League Electronics SSHQ-1-S Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Revision B - (12th Jun 2009)
Tail Length option '10' amended from .590" (14.97mm)
to .560" (14.22mm)
Revision C - (13th Aug 2009)
Length option '04' amended from .455" (11.56mm) to .453" (11.51mm)
Length option '10' amended from .925" (23.50mm) to .895" (22.73mm)
Revisions
18 JAN 07
SSHQ-1-S SERIES
Socket Strip - using .025" sq. pins
.100 cl Single Row - Straight


유사한 부품 번호 - SSHQ-1-S

제조업체부품명데이터시트상세설명
logo
Major League Electronic...
SSHQ-1-D MAJOR-LEAGUE-SSHQ-1-D Datasheet
96Kb / 2P
   .100 cl Dual Row - Straight Sockers Strip - using .025" sq. pins
SSHQ-1-J MAJOR-LEAGUE-SSHQ-1-J Datasheet
98Kb / 2P
   .100 cl Jump Middle Row - Straight Socket Strip - using 0.25" sq. pins
SSHQ-1-T MAJOR-LEAGUE-SSHQ-1-T Datasheet
97Kb / 2P
   .100 cl Triple Row - Straight Socket Strip - using .025" sq. pins
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com