전자부품 데이터시트 검색엔진 |
|
MC33074ADR2G 데이터시트(PDF) 5 Page - ON Semiconductor |
|
MC33074ADR2G 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 25 page MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A http://onsemi.com 5 RL Connected to Ground TA = 25°C RL = 10 k RL = 2.0 k Figure 4. Maximum Power Dissipation versus Temperature for Package Types Figure 5. Input Offset Voltage versus Temperature for Representative Units Figure 6. Input Common Mode Voltage Range versus Temperature Figure 7. Normalized Input Bias Current versus Temperature Figure 8. Normalized Input Bias Current versus Input Common Mode Voltage Figure 9. Split Supply Output Voltage Swing versus Supply Voltage TA, AMBIENT TEMPERATURE (°C) -55 -40 -20 0 20 40 60 80 100 120 140 160 8 & 14 Pin Plastic Pkg SOIC-14 Pkg SOIC-8 Pkg TA, AMBIENT TEMPERATURE (°C) -55 -25 0 25 50 75 100 125 VCC = +15 V VEE = -15 V VCM = 0 TA, AMBIENT TEMPERATURE (°C) -55 -25 0 25 50 75 100 125 VCC VCC/VEE = +1.5 V/ -1.5 V to +22 V/ -22 V VEE TA, AMBIENT TEMPERATURE (°C) -55 -25 0 25 50 75 100 125 VCC = +15 V VEE = -15 V VCM = 0 VIC, INPUT COMMON MODE VOLTAGE (V) -12 -8.0 -4.0 0 4.0 8.0 12 VCC = +15 V VEE = -15 V TA = 25°C VCC, |VEE|, SUPPLY VOLTAGE (V) 0 5.0 10 15 20 25 2400 2000 1600 1200 800 400 0 4.0 2.0 0 -2.0 -4.0 VCC VCC -0.8 VCC -1.6 VCC -2.4 VEE +0.01 VEE 1.3 1.2 1.1 1.0 0.9 0.8 0.7 1.4 1.2 1.0 0.8 0.6 50 40 30 20 10 0 |
유사한 부품 번호 - MC33074ADR2G |
|
유사한 설명 - MC33074ADR2G |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |