전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33071ADG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC33071ADG
상세설명  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071ADG 데이터시트(HTML) 5 Page - ON Semiconductor

  MC33071ADG Datasheet HTML 1Page - ON Semiconductor MC33071ADG Datasheet HTML 2Page - ON Semiconductor MC33071ADG Datasheet HTML 3Page - ON Semiconductor MC33071ADG Datasheet HTML 4Page - ON Semiconductor MC33071ADG Datasheet HTML 5Page - ON Semiconductor MC33071ADG Datasheet HTML 6Page - ON Semiconductor MC33071ADG Datasheet HTML 7Page - ON Semiconductor MC33071ADG Datasheet HTML 8Page - ON Semiconductor MC33071ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
5
RL Connected
to Ground TA = 25°C
RL = 10 k
RL = 2.0 k
Figure 4. Maximum Power Dissipation versus
Temperature for Package Types
Figure 5. Input Offset Voltage versus
Temperature for Representative Units
Figure 6. Input Common Mode Voltage
Range versus Temperature
Figure 7. Normalized Input Bias Current
versus Temperature
Figure 8. Normalized Input Bias Current versus
Input Common Mode Voltage
Figure 9. Split Supply Output Voltage
Swing versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
-55 -40 -20
0
20
40
60
80
100 120 140 160
8 & 14 Pin Plastic Pkg
SOIC-14 Pkg
SOIC-8 Pkg
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC
VCC/VEE = +1.5 V/ -1.5 V to +22 V/ -22 V
VEE
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
VIC, INPUT COMMON MODE VOLTAGE (V)
-12
-8.0
-4.0
0
4.0
8.0
12
VCC = +15 V
VEE = -15 V
TA = 25°C
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
2400
2000
1600
1200
800
400
0
4.0
2.0
0
-2.0
-4.0
VCC
VCC -0.8
VCC -1.6
VCC -2.4
VEE +0.01
VEE
1.3
1.2
1.1
1.0
0.9
0.8
0.7
1.4
1.2
1.0
0.8
0.6
50
40
30
20
10
0


유사한 부품 번호 - MC33071ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33071ADG ONSEMI-MC33071ADG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071ADG ONSEMI-MC33071ADG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33071ADG ONSEMI-MC33071ADG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

유사한 설명 - MC33071ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com