전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2333DS-T1-E3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI2333DS-T1-E3
상세설명  Halogen-free According to IEC 61249-2-21
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2333DS-T1-E3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI2333DS-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si2333DS
Document Number: 72023
S09-0130-Rev. C, 02-Feb-09
www.vishay.com
1
P-Channel 12-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch
PA Switch
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 12
0.032 at VGS = - 4.5 V
- 5.3
0.042 at VGS = - 2.5 V
- 4.6
0.059 at VGS = - 1.8 V
- 3.9
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2333DS (E3)*
* Marking Code
Ordering Information: Si2333DS-T1-E3 (Lead (Pb)-free)
Si2333DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 5.3
- 4.1
A
TA = 70 °C
- 4.2
- 3.3
Pulsed Drain Current
IDM
- 20
Continuous Source Current (Diode Conduction)a, b
IS
- 1.0
- 0.6
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
0.75
W
TA = 70 °C
0.8
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


유사한 부품 번호 - SI2333DS-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI2333DS-T1-GE3 VBSEMI-SI2333DS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI2333DS-T1-E3

제조업체부품명데이터시트상세설명
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com