전자부품 데이터시트 검색엔진 |
|
BD237STU 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
BD237STU 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2001 Fairchild Semiconductor Corporation Rev. A1, June 2001 NPN Epitaxial Silicon Transistor Absolute Maximum Ratings T C=25°C unless otherwise noted Electrical Characteristics T C=25°C unless otherwise noted * Pulse Test: PW=300 µs, duty Cycle=1.5% Pulsed Symbol Parameter Value Units VCBO Collector-Base Voltage : BD233 : BD235 : BD237 45 60 100 V V V VCEO Collector-Emitter Voltage : BD233 : BD235 : BD237 45 60 80 V V V VCER Collector-Emitter Voltage : BD233 : BD235 : BD237 45 60 100 V V V VEBO Emitter-Base Voltage 5 V IC Collector Current (DC) 2 A ICP *Collector Current (Pulse) 6 A PC Collector Dissipation (TC=25°C) 25 W TJ Junction Temperature 150 °C TSTG Storage Temperature - 65 ~ 150 °C Symbol Parameter Test Condition Min. Typ. Max. Units VCEO(sus) * Collector-Emitter Sustaining Voltage : BD233 : BD235 : BD237 IC = 100mA, IB = 0 45 60 80 V V V ICBO Collector Cut-off Current : BD233 : BD235 : BD237 VCB = 45V, IE = 0 VCB = 60V, IE = 0 VCB = 100V, IE = 0 100 100 100 µA µA µA IEBO Emitter Cut-off Current VEB = 5V, IC = 0 1 mA hFE * DC Current Gain VCE = 2V, IC = 150mA VCE = 2V, IC = 1A 40 25 VCE(sat) * Collector-Emitter Saturation Voltage IC = 1A, IB = 0.1A 0.6 V VBE(on) * Base-Emitter ON Voltage VCE = 2V, IC = 1A 1.3 V fT Current Gain Bandwidth Product VCE = 10V, IC = 250mA 3 MHz BD233/235/237 Medium Power Linear and Switching Applications • Complement to BD 234/236/238 respectively 1 TO-126 1. Emitter 2.Collector 3.Base |
유사한 부품 번호 - BD237STU |
|
유사한 설명 - BD237STU |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |