전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5689RACPZ-RL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5689RACPZ-RL7
상세설명  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5689RACPZ-RL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5689RACPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 11Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5689R/AD5687R
Data Sheet
Rev. 0 | Page 8 of 28
Figure 5. Readback Timing Diagram
SYNC
t8
t6
SCLK
24
1
24
1
t9
t4
t2
t7
t3
t1
DB23
DB0
DB23
DB0
SDIN
NOP CONDITION
INPUT WORD SPECIFIES
REGISTER TO BE READ
t5
DB23
DB0
DB23
DB0
SDO
SELECTED REGISTER DATA
CLOCKED OUT
UNDEFINED
t10


유사한 부품 번호 - AD5689RACPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
More results

유사한 설명 - AD5689RACPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com