전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1046A-100-EVALZ 데이터시트(PDF) 27 Page - Analog Devices

부품명 ADP1046A-100-EVALZ
상세설명  Digital Controller for Isolated Power Supply Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1046A-100-EVALZ 데이터시트(HTML) 27 Page - Analog Devices

Back Button ADP1046A-100-EVALZ Datasheet HTML 23Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 24Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 25Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 26Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 27Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 28Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 29Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 30Page - Analog Devices ADP1046A-100-EVALZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 27 of 88
POWER SUPPLY SYSTEM AND FAULT MONITORING
The ADP1046A has extensive system and fault monitoring
capabilities. The system monitoring functions include voltage,
current, power, and temperature readings. The fault conditions
include out-of-limit values for current, voltage, power, and
temperature. The limits for the fault conditions are programmable.
The ADP1046A has an extensive set of flags that are set when
certain programmed thresholds or limits are exceeded. These
thresholds and limits are described in the Fault Registers section.
FLAGS
The ADP1046A has an extensive set of flags that are set when
certain limits, conditions, and thresholds are exceeded. The
real-time status of these flags can be read in Register 0x00 to
Register 0x03. The response to these flags is individually program-
mable. Flags can be ignored or used to trigger actions such as
turning off certain PWM outputs or the OrFET gate. Flags can
also be used to turn off the power supply. The ADP1046A can
be programmed to respond when these flags are reset. For more
information, see the Fault Registers section.
The ADP1046A also has a set of latched fault registers
(Register 0x04 to Register 0x07). The latched fault registers
have the same flags as Register 0x00 to Register 0x03, but the
flags in the latched registers remain set so that intermittent
faults can be detected. Reading a latched fault register resets
all the flags in that register.
MONITORING FUNCTIONS
The ADP1046A monitors and reports several signals, including
voltages, currents, power, and temperature. All these values are
stored in separate registers and can be read through the I2C
interface. For more information, see the Value Registers section.
VOLTAGE READINGS
The VS1, VS2, and VS3 ADCs have an input range of 1.6 V.
The outputs of the ADCs are 12-bit values, which means that
the LSB size is 1.6 V/4096 = 390.625 μV. The user is limited to
an input range of 1.4 V, which means that the ADC output code
is limited to 1.4 V/390.6 μV = 3584.
The equation to calculate the ADC code at a specified voltage
(Vx) at the pin is given by the following formula:
ADC Code = Vx/1.6 × 4096
For example, when there is 1 V on the input of the ADC,
ADC Code = 1 V/1.6 × 4096
ADC Code = 2560
In a 12 V application, the 12 V reading is divided down using
a resistor divider network to provide 1 V at the sense pin.
Therefore, to convert the register value to a real voltage, use
the following formula:
VOUT = (LSB × 2560) × ((R1 + R2)/R2)
In a 12 V system, this equates to
VOUT = (390.625 μV × 2560) × (11 kΩ + 1 kΩ)/1 kΩ
CURRENT READINGS
CS1 Pin
CS1 has an input range of 1.4 V. The ADC performs a 12-bit
reading conversion of this value, which means that the LSB size
is 1.4 V/4096 = 341.8 μV.
When there is exactly 1 V on the CS1 pin, the value in the CS1
value register (Register 0x13[15:4]) reads 2926.
The equation to calculate the ADC code at a specified CS1
input voltage (Vx) is given by the following formula:
ADC Code = Vx/1.4 × 4096
For example, when there is 1 V on the CS1 input pin,
ADC Code = 1 V/1.4 × 4096
ADC Code = 2926
CS2+, CS2− Pins
The full-scale (FS) range for the CS2 ADC can be set to 60 mV
or 120 mV using Register 0x27[5].
The CS2 ADC has an input range of 120 mV. The resolution is
12 bits, which means that the LSB size is 120 mV/4096 = 29.30 μV.
The user is limited to an input range of 110 mV.
The equation to calculate the ADC code at a specified CS2
input voltage (VX) is given by the following formula:
ADC Code = Vx/(120 mV) × 4096
For example, when there is 50 mV on the input of the ADC,
ADC Code = 50 mV/120 mV × 4096
ADC Code = 1707
Therefore, to convert the CS2 register value to a real current,
use the following formula:
IOUT = (CS2_ADC_CODE/4096) × (FS/RSENSE)
where:
CS2_ADC_CODE is the value in Register 0x18[15:4].
FS is the full-scale voltage drop (60 mV or 120 mV).
RSENSE is the sense resistor value.
For example, if CS2_ADC_CODE = 1520, RSENSE = 10 mΩ, and
FS = 120 mV, the real current is calculated as follows:
IOUT = (1520/4096) × (120 mV/10 mΩ)
IOUT = 4.453 A


유사한 부품 번호 - ADP1046A-100-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046ACPZ-RL AD-ADP1046ACPZ-RL Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results

유사한 설명 - ADP1046A-100-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com