전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1046ADC1-EVALZ 데이터시트(PDF) 46 Page - Analog Devices

부품명 ADP1046ADC1-EVALZ
상세설명  Digital Controller for Isolated Power Supply Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1046ADC1-EVALZ 데이터시트(HTML) 46 Page - Analog Devices

Back Button ADP1046ADC1-EVALZ Datasheet HTML 42Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 43Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 44Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 45Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 46Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 47Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 48Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 49Page - Analog Devices ADP1046ADC1-EVALZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 46 of 88
Address
Register Name
Voltage Sense Registers
0x31
VS3 voltage setting (remote voltage)
0x32
VS1 overvoltage limit (OVP)
0x33
VS2 and VS3 overvoltage limit (OVP)
0x34
VS1 undervoltage limit (UVP)
0x35
Line impedance limit
0x36
Load line impedance
0x37
Fast OVP comparator
0x38
VS1 trim
0x39
VS2 trim
0x3A
VS3 trim
0x3B
Light load mode disable settings
ID Registers
0x3C
Silicon revision ID
0x3D
Manufacturer ID
0x3E
Device ID
PWM and Synchronous Rectification Timing Registers
0x3F
OUTAUX switching frequency setting
0x40
PWM switching frequency setting
0x41
OUTA rising edge timing (OUTA pin)
0x42
OUTA rising edge setting (OUTA pin)
0x43
OUTA falling edge timing (OUTA pin)
0x44
OUTA falling edge setting (OUTA pin)
0x45
OUTB rising edge timing (OUTB pin)
0x46
OUTB rising edge setting (OUTB pin)
0x47
OUTB falling edge timing (OUTB pin)
0x48
OUTB falling edge setting (OUTB pin)
0x49
OUTC rising edge timing (OUTC pin)
0x4A
OUTC rising edge setting (OUTC pin)
0x4B
OUTC falling edge timing (OUTC pin)
0x4C
OUTC falling edge setting (OUTC pin)
0x4D
OUTD rising edge timing (OUTD pin)
0x4E
OUTD rising edge setting (OUTD pin)
0x4F
OUTD falling edge timing (OUTD pin)
0x50
OUTD falling edge setting (OUTD pin)
0x51
SR1 rising edge timing (SR1 pin)
0x52
SR1 rising edge setting (SR1 pin)
0x53
SR1 falling edge timing (SR1 pin)
0x54
SR1 falling edge setting (SR1 pin)
0x55
SR2 rising edge timing (SR2 pin)
0x56
SR2 rising edge setting (SR2 pin)
0x57
SR2 falling edge timing (SR2 pin)
0x58
SR2 falling edge setting (SR2 pin)
0x59
OUTAUX rising edge timing (OUTAUX pin)
0x5A
OUTAUX rising edge setting (OUTAUX pin)
0x5B
OUTAUX falling edge timing (OUTAUX pin)
0x5C
OUTAUX falling edge setting (OUTAUX pin)
0x5D
OUTx and SRx pin disable settings
0x5E
ACSNS gain trim
Digital Filter Programming Registers
0x5F
Soft start and output voltage slew rate settings
0x60
Normal mode digital filter LF gain setting
0x61
Normal mode digital filter zero setting
0x62
Normal mode digital filter pole setting
0x63
Normal mode digital filter HF gain setting
0x64
Light load mode digital filter LF gain setting


유사한 부품 번호 - ADP1046ADC1-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046ACPZ-RL AD-ADP1046ACPZ-RL Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
More results

유사한 설명 - ADP1046ADC1-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com