전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2W04G 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 2W04G
상세설명  2.0 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2W04G 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  2W04G Datasheet HTML 1Page - Fairchild Semiconductor 2W04G Datasheet HTML 2Page - Fairchild Semiconductor 2W04G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2W005G -2 W10G, Rev. A
2W005G - 2W10G
2.0 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.375" (9.5 mm) lead length.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Features
Glass passivated junction.
Ideal for printed circuit board.
Reliable low cost construction technique
results in inexpensive product.
High surge current capability.
Parameter
Device
Units
005G
01G
02G
04G
06G
08G
10G
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage Current,
per leg @ rated VR
TA = 25
°C
TA = 125
°C
5.0
500
µA
µA
Maximum Forward Voltage Drop,
per bridge @ 2.0 A
1.1
V
I
2t rating for fusing
t < 8.3 ms
10
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0 V, f = 1.0 MHz
19
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 50
°C
2.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
60
A
PD
Total Device Dissipation
Derate above 25
°C
3.13
25
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient,** per leg
40
°C/W
RθJL
Thermal Resistance, Junction to Lead,** per leg
15
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Dimensions are in:
inches (mm)
WOB
0.358(9.1)
0.339(8.6)
DIA
1.0(25.4)
MIN
0.217(5.5)
0.197(5.0)
1.2(30.5)
MIN
0.032(.81)
0.030(.76)
DIA
POS.LEAD
0.220(5.6)
0.180(4.6)
0.220(5.6)
0.180(4.6)
+
_
~
~
Discrete POWER & Signal
Technologies


유사한 부품 번호 - 2W04G

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
2W04G ZOWIE-2W04G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W04G MIC-2W04G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W04G JGD-2W04G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W04G SECOS-2W04G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W04G DIODES-2W04G Datasheet
53Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
More results

유사한 설명 - 2W04G

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
Rectron Semiconductor
DRS201K RECTRON-DRS201K Datasheet
274Kb / 5P
   GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2018-10 REV: C
logo
Fairchild Semiconductor
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
   2.0 Amps Glass passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers
2W005G SECOS-2W005G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com